Electronic Components Datasheet Search
  English  ▼

X  

LT3492 Datasheet(PDF) 13 Page - Linear Technology

Part # LT3492
Description  Triple Output LED Driver with 3000:1 PWM Dimming
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3492 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT3492 Datasheet HTML 9Page - Linear Technology LT3492 Datasheet HTML 10Page - Linear Technology LT3492 Datasheet HTML 11Page - Linear Technology LT3492 Datasheet HTML 12Page - Linear Technology LT3492 Datasheet HTML 13Page - Linear Technology LT3492 Datasheet HTML 14Page - Linear Technology LT3492 Datasheet HTML 15Page - Linear Technology LT3492 Datasheet HTML 16Page - Linear Technology LT3492 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LT3492
13
3492f
1000:1 PWM Dimming at 100Hz
TYPICAL APPLICATIONS
Triple Boost 100mA
× 12 LED Driver
Efficiency vs PWM Duty Cycle
12 LEDs
C2
1μF
C3
1μF
C4
1μF
PVIN
12V
100mA
1M
20k
OVP1
ISN1
TG1
1Ω
2.2nF
3492 TA03a
L1
22μH
L2
22μH
L3
22μH
ISP1
D1
D2
D3
M1
M2
M3
SW1
SW2
LT3492
GND
SW3
TG1-3
OVP1-3
VC1-3
VREF
CTRL1-3
ISP1-3
ISN1-3
VIN
PWM1-3
SHDN
VIN
5V
C1: MURATA GRM31MR71C225KA35
C2-C4: MURATA GRM31CR72A105KA01L
C5: MURATA GRM31MR71H105KA88
D1-D3: DIODES B1100
L1-L3: TDK VLF5014AT-220MR62
M1-M3: ZETEX ZXMP6A13F
C5
1μF
12 LEDs
100mA
1M
20k
OVP2
ISN2
TG2
1Ω
ISP2
12 LEDs
100mA
1M
20k
OVP3
150k
18.2k
49.9k
1.3MHz
ISN3
TG3
1Ω
ISP3
C1
2.2μF
3
FADJ
PWM
5V/DIV
IL
0.5A/DIV
ILED
0.1A/DIV
2μs/DIV
3492 TA03b
PWM DUTY CYCLE (%)
0
75
80
85
80
3492 TA03c
70
65
20
40
60
100
60
55
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com