Electronic Components Datasheet Search
  English  ▼

X  

ISL80102 Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL80102
Description  High Performance 2A and 3A LDOs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL80102 Datasheet(HTML) 5 Page - Intersil Corporation

  ISL80102 Datasheet HTML 1Page - Intersil Corporation ISL80102 Datasheet HTML 2Page - Intersil Corporation ISL80102 Datasheet HTML 3Page - Intersil Corporation ISL80102 Datasheet HTML 4Page - Intersil Corporation ISL80102 Datasheet HTML 5Page - Intersil Corporation ISL80102 Datasheet HTML 6Page - Intersil Corporation ISL80102 Datasheet HTML 7Page - Intersil Corporation ISL80102 Datasheet HTML 8Page - Intersil Corporation ISL80102 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
FN6660.0
September 30, 2009
Absolute Maximum Ratings (Note 8)
Thermal Information
VIN relative to GND . . . . . . . . . . . . . . . . . . -0.3V to +6.5V
VOUT relative to GND . . . . . . . . . . . . . . . . . -0.3V to +6.5V
PG, ENABLE, SENSE/ADJ, SS
Relative to GND. . . . . . . . . . . . . . . . . . . . -0.3V to +6.5V
Recommended Operating Conditions
Junction Temperature Range (TJ) . . . . . . . -40°C to +125°C
VIN relative to GND . . . . . . . . . . . . . . . . . . . . . 2.2V to 6V
VOUT range . . . . . . . . . . . . . . . . . . . . . . . . . .800mV to 5V
PG, ENABLE, SENSE/ADJ, SS relative to GND . . . . . 0V to 6V
PG sink current . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10mA
Thermal Resistance (Typical)
θJA (°C/W) θJC (°C/W)
10 Ld 3x3 DFN Package (Notes 6, 7)
45
4
Maximum Junction Temperature (Plastic Package). . . +150°C
Storage Temperature Range . . . . . . . . . . . -65°C to +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact
product reliability and result in failures not covered by warranty.
NOTES:
6. θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach”
features. See Tech Brief TB379.
7. For θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
8. ABS max voltage rating is defined as the voltage applied for a lifetime average duty cycle above 6V of 1%.
Electrical Specifications Unless otherwise noted, all parameters are established over the following specified
conditions: VIN = VOUT + 0.4V, VOUT = 1.8V, CIN = COUT = 10µF, TJ = +25°C, IL = 0A
Applications must follow thermal guidelines of the package to determine worst case junction
temperature. Please refer to “Application Section” on page 7 and Tech Brief TB379.
Boldface limits apply over the operating temperature range, -40°C to +125°C. Pulse
load techniques used by ATE to ensure TJ = TA defines established limits.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 9) TYP
MAX
(Note 9) UNITS
DC CHARACTERISTICS
DC Output Voltage
Accuracy
VOUT
VOUT Options: 0.8V, 1.2V, 1.5V and 1.8V
2.2V < VIN < 3.6V; 0A < ILOAD < 3A
-1.8
0.5
1.8
%
VOUT Options: 2.5V, 3.3V and 5.0V
VOUT + 0.4V < VIN < 6V; 0A < ILOAD < 3A
-1.8
0.5
-1.8
%
Feedback Pin (ADJ option
only)
VFB
2.2V < VIN < 6V, 0A < ILOAD < 3A
491
500
509
mV
DC Input Line Regulation
ΔVOUT/ΔVIN VOUT + 0.4V < VIN < 3.6V, VOUT = 1.8V
0.1
0.4
%
VOUT + 0.4V < VIN < 6V, VOUT = 2.5V
0.1
0.8
%
DC Output Load Regulation ΔVOUT/ΔIOU
T
0A < ILOAD < 3A, All voltage options
-0.8
%
0A < ILOAD < 2A, All voltage options
-0.6
%
Feedback Input Current
VADJ = 0.5V
0.01
1
µA
Ground Pin Current
IQ
ILOAD = 0A, 2.2V < VIN < 6V
7.5
9
mA
ILOAD = 3A, 2.2V < VIN < 6V
8.5
12
mA
Ground Pin Current in
Shutdown
ISHDN
ENABLE Pin = 0.2V, VIN = 5V
0.4
µA
ENABLE Pin = 0.2V, VIN = 6V
3.3
16
µA
Dropout Voltage (Note 10)
VDO
ILOAD = 3A, VOUT = 2.5V
120
185
mV
ILOAD = 2A, VOUT = 2.5V
81
125
mV
Output Short Circuit
Current (3A Version)
ISC
VOUT = 0V, VOUT + 0.4V < VIN < 6V
5.0
A
Output Short Circuit
Current (2A Version)
VOUT = 0V, VOUT + 0.4V < VIN < 6V
2.8
A
Thermal Shutdown
Temperature
TSD
VOUT + 0.4V < VIN < 6V
160
°C
ISL80102, ISL80103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com