Electronic Components Datasheet Search
  English  ▼

X  

ISL28107FBZ Datasheet(PDF) 13 Page - Intersil Corporation

Part # ISL28107FBZ
Description  Precision Single and Dual Low Noise Operational Amplifiers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28107FBZ Datasheet(HTML) 13 Page - Intersil Corporation

Back Button ISL28107FBZ Datasheet HTML 9Page - Intersil Corporation ISL28107FBZ Datasheet HTML 10Page - Intersil Corporation ISL28107FBZ Datasheet HTML 11Page - Intersil Corporation ISL28107FBZ Datasheet HTML 12Page - Intersil Corporation ISL28107FBZ Datasheet HTML 13Page - Intersil Corporation ISL28107FBZ Datasheet HTML 14Page - Intersil Corporation ISL28107FBZ Datasheet HTML 15Page - Intersil Corporation ISL28107FBZ Datasheet HTML 16Page - Intersil Corporation ISL28107FBZ Datasheet HTML 17Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
13
FN6631.1
November 16, 2009
FIGURE 43. GAIN vs FREQUENCY vs CL
FIGURE 44. GAIN vs FREQUENCY vs OUTPUT
VOLTAGE
FIGURE 45. GAIN vs FREQUENCY vs SUPPLY
VOLTAGE
FIGURE 46. CROSSTALK vs FREQUENCY, VS = ±5V,
±15V
FIGURE 47. LARGE SIGNAL 10V STEP RESPONSE,
VS = ±15V
FIGURE 48. LARGE SIGNAL TRANSIENT RESPONSE vs
RL VS = ±5V, ±15V
Typical Performance Curves V
S = ±15V, VCM = 0V, RL = Open, TA = 25°C unless otherwise
specified. (Continued)
FREQUENCY (Hz)
100k
1M
10M
10k
1k
-8
-6
-4
-2
0
2
4
6
8
VS = ±15V
RL = 10k
AV = +1
VOUT = 100mVP-P
CL = 334pF
CL = 104pF
CL = 224pF
CL = 51pF
CL = 4pF
FREQUENCY (Hz)
100k
1M
10M
10k
1k
-
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
VS = ±5V
AV = +1
RL = INF
CL = 4pF
VOUT = 1VP-P
VOUT = 500mVP-P
VOUT = 200mVP-P
VOUT = 100mVP-P
VOUT = 10mVP-P
VOUT = 50mVP-P
FREQUENCY (Hz)
100k
1M
10M
10k
1k
-16
-14
-12
-10
-8
-6
-4
-2
0
2
CL = 4pF
RL = 10k
AV = +1
VOUT = 100mVP-P
VS = ±20V
VS = ±2.25V
VS = ±5V
VS = ±15V
0
20
40
60
80
100
120
140
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
RL = 10k
AV = +1
VOUT = 1VP-P
CL = 4pF
VS = ±5V
VS = ±15V
-6
-4
-2
0
2
4
6
0
50
100
150
200
250
300
350
400
TIME (µs)
V+ = ±15V
AV = 11
CL = 4pF
VOUT = 10VP-P
Rf = 10k, Rg = 1k
RL = 10k
RL = 2k
0
5
10
15
20
25
30
TIME (µs)
-2.5
-2.0
-1.5
-1.0
-0.5
0
0.5
1.0
1.5
2.0
2.5
AV = 1
CL = 4pF
VOUT = 4VP-P
35
VS = ±5V, ±15V, RL = 10k
VS = ±5V, ±15V, RL = 2k
ISL28107, ISL28207



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com