Electronic Components Datasheet Search
  English  ▼

X  

IXFK55N50F Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFK55N50F
Description  HiPerRFTM Power MOSFETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFK55N50F Datasheet(HTML) 1 Page - IXYS Corporation

  IXFK55N50F Datasheet HTML 1Page - IXYS Corporation IXFK55N50F Datasheet HTML 2Page - IXYS Corporation IXFK55N50F Datasheet HTML 3Page - IXYS Corporation IXFK55N50F Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2002 IXYS All rights reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
500
V
V
DGR
T
J
= 25
°C to 150°C; R
GS = 1 MΩ
500
V
V
GS
Continuous
±20
V
V
GSM
Transient
±30
V
I
D25
T
C
= 25
°C55
A
I
DM
T
C
= 25
°C, pulse width limited by T
JM
220
A
I
AR
T
C
= 25
°C55
A
E
AR
T
C
= 25
°C60
mJ
E
AS
T
C
= 25
°C
3.0
J
dv/dt
I
S
≤ I
DM, di/dt ≤ 100 A/µs, VDD ≤ VDSS
10
V/ns
T
J
≤ 150°C, R
G = 2 Ω
P
D
T
C
= 25
°C
560
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
1.6 mm (0.063 in.) from case for 10 s
300
°C
M
d
Mounting torque
TO-264
0.4/6 Nm/lb.in.
Weight
PLUS 247
6
g
TO-264
10
g
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
V
DSS
V
GS = 0 V, ID = 1mA
500
V
V
GS(th)
V
DS = VGS, ID = 8mA
3.0
5.5 V
I
GSS
V
GS
=
±20 V, V
DS = 0
±200 nA
I
DSS
V
DS = VDSS
T
J
= 25
°C
100
µA
V
GS = 0 V
T
J
= 125
°C3 mA
R
DS(on)
V
GS = 10 V, ID = 0.5 • ID25
85 m
Ω
Note 1
98855-A (9/02)
PLUS 247TM (IXFX)
G
D
(TAB)
G = Gate
D = Drain
S = Source
TAB = Drain
S
G
D
(TAB)
TO-264 AA (IXFK)
HiPerRFTM
Power MOSFETs
F-Class: MegaHertz Switching
N-Channel Enhancement Mode
Avalanche Rated, Low Q
g, Low Intrinsic Rg
High dV/dt, Low t
rr
Features
●
RF capable Mosfets
● Ruggedpolysilicongatecellstructure
●
Double metal process for low gate
resistance
● Unclamped Inductive Switching (UIS)
rated
●
Low package inductance
- easy to drive and to protect
● Fast intrinsic rectifier
Applications
● DC-DC converters
● Switched-mode and resonant-mode
power supplies, >500kHz switching
● DC choppers
● Pulsegeneration
● Laser drivers
Advantages
● PLUS 247TM package for clip or spring
mounting
● Space savings
● High power density
IXFX 55N50F
V
DSS
= 500 V
IXFK 55N50F
I
D25
= 55 A
R
DS(on) =
85 m
Ω
Ω
Ω
Ω
Ω
t
rr ≤
≤≤≤≤ 250 ns


Similar Part No. - IXFK55N50F

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXFK55N50F ISC-IXFK55N50F Datasheet
327Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - IXFK55N50F

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFT6N100F IXYS-IXFT6N100F Datasheet
820Kb / 4P
Power MOSFETs
IXFH21N50 IXYS-IXFH21N50 Datasheet
562Kb / 4P
HiPerFET Power MOSFETs MOSFETs
logo
List of Unclassifed Man...
SMOS21N50 ETC-SMOS21N50 Datasheet
141Kb / 2P
Power MOSFETs
logo
IXYS Corporation
IXFH60N20F IXYS-IXFH60N20F Datasheet
104Kb / 2P
HiPerRFTM Power MOSFETs
logo
Sensitron
SHD218413 SENSITRON-SHD218413 Datasheet
42Kb / 2P
POWER MOSFETS
logo
List of Unclassifed Man...
ECG2399 ETC1-ECG2399 Datasheet
115Kb / 1P
Power MOSFETS
logo
Sirectifier Semiconduct...
SMOS21N50 SIRECTIFIER-SMOS21N50 Datasheet
143Kb / 2P
Power MOSFETs
logo
IXYS Corporation
IXFT16N120P IXYS-IXFT16N120P_V01 Datasheet
135Kb / 6P
Power MOSFETs
IXFV52N30P IXYS-IXFV52N30P_V01 Datasheet
195Kb / 6P
Power MOSFETs
logo
Vishay Siliconix
SIHF9630 VISHAY-SIHF9630_V01 Datasheet
153Kb / 9P
Power MOSFETS
21-Mar-11
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com