Electronic Components Datasheet Search
  English  ▼

X  

73032 Datasheet(PDF) 1 Page - Pomona Electronics

Part # 73032
Description  MMCX PLUG R/A SEMI-RIGID, RG402
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

73032 Datasheet(HTML) 1 Page - Pomona Electronics

  73032 Datasheet HTML 1Page - Pomona Electronics 73032 Datasheet HTML 2Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Model 73032
MMCX PLUG R/A SEMI-RIGID, RG402
Technical Support: technicalsupport@pomonatest.com
Fax: 425-446-5844
Europe:
31-(0) 40 2675 150
International
: 425-446-5500
Where to Buy:
www.pomonaelectronics.com
.xxx = ± .005” (.127 mm). All specifications are to the latest revisions.
Specifications are subject to change without notice. Registered trademarks
are the property of their respective companies.
D2003462 REV 001
Copyright © 2007 12/18/2007
Page 1 of 2
USA:
Sales: 800-490-2361
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (.51 mm),
Model 73032 MMCX PLUG R/A SEMI-RIGID, RG402
Snap-on coupling and micro-
miniature size for fast connect
and disconnect where space is
limited
Features
•
DC - 3 GHz bandwidth.
•
50% smaller than MCX connectors.
•
Connectors allow rotation of 360˚ for layout
flexibility.
•
Non-slotted contact design for low RF leakage.
•
Meets CECC 22340.
•
Perfect for applications where space, weight,
performance and ease of assembly are required.
Materials
•
Body is machined brass with gold plating.
•
Center contacts – Plug is gold plated Phosphor
bronze and Jack is gold plated beryllium copper.
•
High quality PTFE insulators.
•
Crimp Ferrules are gold or nickel plated copper.
Ordering Information
Model: 73032
Description: MMCX PLUG R/A SEMI-RIGID, RG402
Specifications
Impedance
50 Ω
Frequency Range
DC - 3 GHz
Working Voltage
170 Vrms max.
Dielectric Withstanding
Voltage
500 Vrms
VSWR
1.3 max
Center / Outer contact
resistance
0.01 / 0.005 Ω
Number of insertions
500 cycles minimum
Insulation resistance
> 500 MΩ
Temperature Range
-55˚ C to 155˚ C, -67˚
F to 311˚ F


Similar Part No. - 73032

ManufacturerPart #DatasheetDescription
logo
Coto Technology
7303 COTO-7303 Datasheet
1Mb / 4P
7000 SERIES/HIGH RELIABILITY REED RELAYS
logo
C&K Components
7303 CK-COMPONENTS-7303 Datasheet
1Mb / 22P
Miniature Rocker Lever Handle Switches
logo
Heyco.
7303 HEYCO-7303 Datasheet
132Kb / 1P
Female Pin Connectors
logo
V-COIL THREAD SYSTEM
7303 V-COIL-7303 Datasheet
102Kb / 3P
Wire-Thread-Inserts
logo
Pomona Electronics
73030 POMONA-73030 Datasheet
146Kb / 2P
MMCX JACK STRAIGHT CRIMP, RG178
More results

Similar Description - 73032

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
73014 POMONA-73014 Datasheet
130Kb / 2P
MCX PLUG STRAIGHT SEMI-RIGID, RG402
73016 POMONA-73016 Datasheet
135Kb / 2P
MCX PLUG R/A SEMI-RIGID, RG402
73017 POMONA-73017 Datasheet
131Kb / 2P
MCX PLUG R/A SEMI-RIGID, RG405
73033 POMONA-73033 Datasheet
137Kb / 2P
MMCX PLUG R/A SEMI-RIGID, RG405
73034 POMONA-73034 Datasheet
132Kb / 2P
MMCX PLUG STRAIGHT SEMI-RIGID, RG402
73035 POMONA-73035 Datasheet
131Kb / 2P
MMCX PLUG STRAIGHT SEMI-RIGID, RG405
73037 POMONA-73037 Datasheet
134Kb / 2P
MMCX JACK STRAIGHT SEMI-RIGID, RG405
logo
Winchester Electronics ...
SD470-500-0471H WINCHESTER-SD470-500-0471H Datasheet
97Kb / 1P
MMCX STRAIGHT PLUG FOR .047 SEMI-RIGID CABLE
logo
Amphenol Corporation
132201 AMPHENOL-132201 Datasheet
67Kb / 1P
SMA R/A DIRECT SOLDER PLUG (FOR .141 SEMI-RIGID CABLE)
logo
Molex Electronics Ltd.
0734152111 MOLEX11-0734152111 Datasheet
30Kb / 1P
50 Ohms, MMCX Plug, Solder, 1.194mm Semi-Rigid Cable
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com