Electronic Components Datasheet Search
  English  ▼

X  

73040 Datasheet(PDF) 1 Page - Pomona Electronics

Part # 73040
Description  Accessory Kit for Modular & Microline Passive Oscilloscope Probes
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

73040 Datasheet(HTML) 1 Page - Pomona Electronics

  73040 Datasheet HTML 1Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
USA:
Sales: 800-490-2361
Technical Support: technicalsupport@pomonatest.com
Fax: 425-446-5844
Europe: 31-(0) 40 2675 150
International: 425-446-5500
Where to Buy: www.pomonaelectronics.com
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm),
.xxx = ± .005” (,127 mm). All specifications are to the latest revisions.
Specifications are subject to change without notice. Registered trademarks are
the property of their respective companies.
Copyright © 2008
D2015572 Rev. 003
Page 1 of 1
Model 73040
Accessory Kit for Modular & Microline Passive Oscilloscope Probes
Model 73040, Accessory Kit for Modular & Microline Passive Oscilloscope Probes
Model 73040, Oscilloscope Probe Accessory Kit
Ordering Information
Model: 73040
Oscilloscope Probe Accessory Kit
Features
• Accessory set for 5mm (0.197”) Modular
and Microline Passive Oscilloscope Probes.
• Kit contains the following (one of each):
BNC Adapter
Solid Tip 0.8mm (0.0315”)
Insulating Cap
Ground Lead with Alligator Clip 22 cm (8.66”)
Trimmer Tool
Spring Tip 0.8mm (0.0315”)
Sprung Hook
• Replacement accessory for the following
Oscilloscope Probe models:
6491, 30 MHz X1 Oscilloscope Probe
6493, 150 MHz X10 Oscilloscope Probe
6494, 150 MHz X10 Scope Probe RO
6495, 250 MHz X10 Oscilloscope Probe
6496, 300 MHz X10 Oscilloscope Probe
6497, 300 MHz X10 Scope Probe RO
6499, 20/150 MHz X1/X10 Scope Probe
6500, 30/250 MHz X1/X10 Scope Probe
6551, 500 MHz O-Scope Probe w/RA
6554, 500 MHz O-Scope Probe


Similar Part No. - 73040

ManufacturerPart #DatasheetDescription
logo
Coto Technology
7304 COTO-7304 Datasheet
1Mb / 4P
7000 SERIES/HIGH RELIABILITY REED RELAYS
logo
Heyco.
7304 HEYCO-7304 Datasheet
132Kb / 1P
Female Pin Connectors
logo
Mitutoyo America Corpor...
7304 MITUTOYO-7304 Datasheet
95Kb / 1P
Dial Thickness Gages
logo
V-COIL THREAD SYSTEM
7304 V-COIL-7304 Datasheet
102Kb / 3P
Wire-Thread-Inserts
logo
Pomona Electronics
73042 POMONA-73042 Datasheet
136Kb / 2P
BNC Right-Angle Plug, 50 Ohm, Crimp Type, RG174, 188, 316
More results

Similar Description - 73040

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6267 POMONA-6267 Datasheet
25Kb / 1P
Oscilloscope Replacement Accessory Kit
6491 POMONA-6491 Datasheet
118Kb / 1P
Modular Passive Oscilloscope Probe
6493 POMONA-6493 Datasheet
114Kb / 1P
Modular Passive Oscilloscope Probe
6496 POMONA-6496 Datasheet
121Kb / 1P
Modular Passive Oscilloscope Probe
6499 POMONA-6499 Datasheet
116Kb / 1P
Modular Passive Oscilloscope Probe
6500 POMONA-6500 Datasheet
125Kb / 1P
Modular Passive Oscilloscope Probe
6551 POMONA-6551 Datasheet
124Kb / 1P
Microline Passive Oscilloscope Probe w/RO
6554 POMONA-6554 Datasheet
123Kb / 1P
Microline Passive Oscilloscope Probe
6552 POMONA-6552 Datasheet
65Kb / 2P
Microline Oscilloscope Probes
logo
List of Unclassifed Man...
MF312 ETC2-MF312 Datasheet
66Kb / 1P
Passive Modulartaskopfe/ Passive Modular Probes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com