Electronic Components Datasheet Search
  English  ▼

X  

BC637 Datasheet(PDF) 2 Page - ON Semiconductor

Part # BC637
Description  High Current Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC637 Datasheet(HTML) 2 Page - ON Semiconductor

  BC637 Datasheet HTML 1Page - ON Semiconductor BC637 Datasheet HTML 2Page - ON Semiconductor BC637 Datasheet HTML 3Page - ON Semiconductor BC637 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BC637, BC639, BC639−16
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector − Emitter Breakdown Voltage (Note 1)
(IC = 10 mAdc, IB = 0)
BC637
BC639
V(BR)CEO
60
80
−
−
−
−
Vdc
Collector − Emitter Zero−Gate Breakdown Voltage(Note 1)
(IC = 100 mAdc, IB = 0)
BC639−16
V(BR)CES
120
−
−
Vdc
Collector − Base Breakdown Voltage
(IC = 100 mAdc, IE = 0)
BC637
BC639
V(BR)CBO
60
80
−
−
−
−
Vdc
Emitter − Base Breakdown Voltage
(IE = 10 mAdc, IC = 0)
V(BR)EBO
5.0
−
−
Vdc
Collector Cutoff Current
(VCB = 30 Vdc, IE = 0)
(VCB = 30 Vdc, IE = 0, TA = 125°C)
ICBO
−
−
−
−
100
10
nAdc
mAdc
ON CHARACTERISTICS (Note 1)
DC Current Gain
(IC = 5.0 mAdc, VCE = 2.0 Vdc)
(IC = 150 mAdc, VCE = 2.0 Vdc)
BC637
BC639
BC639−16ZLT1
(IC = 500 mA, VCE = 2.0 V)
hFE
25
40
40
100
25
−
−
−
−
−
−
160
160
250
−
−
Collector − Emitter Saturation Voltage
(IC = 500 mAdc, IB = 50 mAdc)
VCE(sat)
−
−
0.5
Vdc
Base − Emitter On Voltage
(IC = 500 mAdc, VCE = 2.0 Vdc)
VBE(on)
−
−
1.0
Vdc
DYNAMIC CHARACTERISTICS
Current Gain − Bandwidth Product
(IC = 50 mAdc, VCE = 2.0 Vdc, f = 100 MHz)
fT
−
200
−
MHz
Output Capacitance
(VCB = 10 Vdc, IE = 0, f = 1.0 MHz)
Cob
−
7.0
−
pF
Input Capacitance
(VEB = 0.5 Vdc, IC = 0, f = 1.0 MHz)
Cib
−
50
−
pF
1. Pulse Test: Pulse Width
≤ 300 ms, Duty Cycle 2.0%.
ORDERING INFORMATION
Device
Package
Shipping†
BC637G
TO−92
(Pb−Free)
5000 Units / Bulk
BC639G
TO−92
(Pb−Free)
5000 Units / Bulk
BC639RL1G
TO−92
(Pb−Free)
2000 / Tape & Reel
BC639ZL1G
TO−92
(Pb−Free)
2000 / Ammo Box
BC639−16ZL1G
TO−92
(Pb−Free)
2000 / Ammo Box
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com