Electronic Components Datasheet Search
  English  ▼

X  

73053 Datasheet(PDF) 1 Page - Pomona Electronics

Part # 73053
Description  TNC Right-Angle Jack to Plug Adapter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

73053 Datasheet(HTML) 1 Page - Pomona Electronics

  73053 Datasheet HTML 1Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
USA:
Sales: 800-490-2361
Technical Support: technicalsupport@pomonatest.com
Fax: 425-446-5844
Europe:
31-(0) 40 2675 150 International: 425-446-5500
Where to Buy:
www.pomonaelectronics.com
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm),
.xxx = ± .005” (,127 mm). All specifications are to the latest revisions.
Specifications are subject to change without notice. Registered trademarks are
the property of their respective companies.
Copyright © 2009
D2018798 Rev. 001
Page 1 of 1
Model 73053
TNC Right-Angle Jack to Plug Adapter
Model 73053
TNC Right-Angle Jack to Plug Adapter
Features
•
DC – 4GHz bandwidth.
•
Connectors are precision machined.
Materials
Center Conductor:
Male
: Brass, Gold Plated
Female
: Phosphor Bronze, Gold Plated
Connector Body: Brass, Nickel Plated
Insulators: PTFE
Specifications
Impedance:
50Ω
Frequency Range:
DC – 4GHz
Contact Resistance:
Center Conductor:
≤1.5 mΩ
Outer Conductor:
≤0.2 mΩ
Insulation Reistance:
≥ 5000 MΩ
Dielectric Withstand Voltage:
1500V
For CE compliance
, do not hold in hand when
voltages exceed 33 Vrms / 70 Vdc.
Number of Insertions:
500 cycles minimum
Ordering Information
Model: 73053


Similar Part No. - 73053

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
7305 GILWAY-7305 Datasheet
33Kb / 1P
T-1 Subminiature Lamps
logo
Heyco.
7305 HEYCO-7305 Datasheet
132Kb / 1P
Female Pin Connectors
logo
Mitutoyo America Corpor...
7305 MITUTOYO-7305 Datasheet
95Kb / 1P
Dial Thickness Gages
logo
V-COIL THREAD SYSTEM
7305 V-COIL-7305 Datasheet
102Kb / 3P
Wire-Thread-Inserts
logo
Pomona Electronics
73050 POMONA-73050 Datasheet
134Kb / 2P
N Type Plug, 50 Ohm, Crimp Type , RG58, 141
More results

Similar Description - 73053

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
73046 POMONA-73046 Datasheet
111Kb / 1P
N Type Jack to TNC Plug Adapter
logo
Pasternack Enterprises,...
PE9100 PASTERNACK-PE9100 Datasheet
799Kb / 2P
TNC Male to TNC Female Right Angle Adapter
PE9303 PASTERNACK-PE9303 Datasheet
249Kb / 3P
SMC Plug to SMC Jack Right Angle Adapter
PE9338 PASTERNACK-PE9338 Datasheet
236Kb / 2P
SHV Plug to SHV Jack Right Angle Adapter
PE9560 PASTERNACK-PE9560 Datasheet
257Kb / 3P
TNC Male to TNC Male Right Angle Adapter
logo
List of Unclassifed Man...
531RP9505 ETC2-531RP9505 Datasheet
59Kb / 1P
SMA JACK TO TNC R/P PLUG ADAPTER
logo
Molex Electronics Ltd.
73386-0103 MOLEX11-73386-0103 Datasheet
36Kb / 1P
50 Ohms, Adapter, TNC Plug to SMA Jack, Tray
0731515003 MOLEX11-0731515003 Datasheet
58Kb / 1P
50 Ohms, BNC Jack to Plug Right-Angle Adapter
logo
Amphenol Corporation
242192 AMPHENOL-242192 Datasheet
73Kb / 1P
AMC JACK TO TNC JACK BULKHEAD ADAPTER
logo
Molex Electronics Ltd.
0731515003 MOLEX-0731515003_V01 Datasheet
51Kb / 1P
50 Ohms, BNC Jack to Plug Right-Angle Adapter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com