Electronic Components Datasheet Search
  English  ▼

X  

73062 Datasheet(PDF) 1 Page - Pomona Electronics

Part # 73062
Description  N Type Plug, 50 Ohm, Clamp Type, RG8, 9, 144, 165, 213, 214, 216, 225
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

73062 Datasheet(HTML) 1 Page - Pomona Electronics

  73062 Datasheet HTML 1Page - Pomona Electronics 73062 Datasheet HTML 2Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
USA:
Sales: 800-490-2361
Technical Support: technicalsupport@pomonatest.com
Fax: 425-446-5844
Europe:
31-(0) 40 2675 150 International: 425-446-5500
Where to Buy:
www.pomonaelectronics.com
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm),
.xxx = ± .005” (,127 mm). All specifications are to the latest revisions.
Specifications are subject to change without notice. Registered trademarks are
the property of their respective companies.
Copyright © 2009
D2018820 Rev. 001
Page 1 of 2
Model 73062
N Type Plug, 50 Ohm, Clamp Type, RG8, 9, 144, 165, 213, 214, 216, 225
Model 73062
N Type Plug, 50 Ohm, Clamp Type,
RG8, 9, 144, 165, 213, 214, 216, 225
Features
•
DC – 11GHz bandwidth.
•
Connectors are precision machined.
•
Connector accepts cable types RG/U: 8, 9, 144,
165, 213, 214, 216, 225
Materials
Center Conductor, Male: Brass, Gold Plated
Connector Body: Brass, Nickel Plated
Insulator: PTFE
Specifications
Impedance:
50Ω
Frequency Range:
DC – 11GHz
Contact Resistance:
Center Conductor:
≤1.0 mΩ
Outer Conductor:
≤0.2 mΩ
Insulation Reistance:
≥ 5000 MΩ
Operating Voltage:
1000V
For CE compliance
, do not hold in hand when
voltages exceed 33 Vrms / 70 Vdc.
VSWR:
≤1.35
Number of Insertions:
500 cycles minimum
Ordering Information
Model: 73062


Similar Part No. - 73062

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
7306 GILWAY-7306 Datasheet
33Kb / 1P
T-1 Subminiature Lamps
logo
V-COIL THREAD SYSTEM
7306 V-COIL-7306 Datasheet
102Kb / 3P
Wire-Thread-Inserts
logo
Presto International UK...
73060 PRESTO-73060 Datasheet
3Mb / 24P
ENGINEERS CUTTING TOOLS
logo
Pomona Electronics
73061 POMONA-73061 Datasheet
136Kb / 2P
BNC Right-Angle Plug, 50 Ohm, Crimp Type, RG58, 141
logo
KNIPEX
7306160 KNIPEX-7306160 Datasheet
341Kb / 3P
KNIPEX X-Cut® Compact Diagonal Cutter High lever transmission
05.07.2021
More results

Similar Description - 73062

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
73043 POMONA-73043 Datasheet
136Kb / 2P
BNC Plug, 50 Ohm, Crimp Type, RG8, 9, 11, 213, 214
73048 POMONA-73048 Datasheet
140Kb / 2P
N Type Right-Angle Plug, 50 Ohm, Clamp Type, RG214, 225, 393
73050 POMONA-73050 Datasheet
134Kb / 2P
N Type Plug, 50 Ohm, Crimp Type , RG58, 141
73051 POMONA-73051 Datasheet
139Kb / 2P
N Type Plug, 50 Ohm, Clamp Type, RG8, 213
73052 POMONA-73052 Datasheet
123Kb / 2P
N Type Plug, 50 Ohm, Crimp Type, Semi-Rigid 402
73059 POMONA-73059 Datasheet
137Kb / 2P
UHF Plug, Clamp Type, RG8, 9, 11, 63, 87A, 213, 214, 225
logo
Winchester Electronics ...
1205-64-3 WINCHESTER-1205-64-3 Datasheet
108Kb / 1P
FOR USE WITH RG-8, 9, 213 & 214/U CABLE GROUPS
logo
Molex Electronics Ltd.
0732565003 MOLEX11-0732565003 Datasheet
28Kb / 1P
50 Ohms, N Straight Plug, Clamp, RG-8 and RG-213 Cable
logo
CRYSTEK CORPORATION
CS-NM-MHB CRYSTEKMICROWAVE-CS-NM-MHB Datasheet
93Kb / 2P
Type N Plug, Solder Clamp
logo
Molex Electronics Ltd.
0732565003 MOLEX-0732565003_V01 Datasheet
29Kb / 1P
50 Ohms, N Straight Plug, Clamp, RG-8 and RG-213 Cable
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com