Electronic Components Datasheet Search
  English  ▼

X  

73065 Datasheet(PDF) 1 Page - Pomona Electronics

Part # 73065
Description  MMCX Plug to SMA Bulkhead Jack, RG316/U
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

73065 Datasheet(HTML) 1 Page - Pomona Electronics

  73065 Datasheet HTML 1Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
USA:
Sales: 800-490-2361
Technical Support: technicalsupport@pomonatest.com
Fax: 425-446-5844
Europe:
31-(0) 40 2675 150 International: 425-446-5500
Where to Buy:
www.pomonaelectronics.com
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm),
.xxx = ± .005” (,127 mm). All specifications are to the latest revisions.
Specifications are subject to change without notice. Registered trademarks are
the property of their respective companies.
Copyright © 2009
D2018838 Rev. 002
Page 1 of 1
Model 73065
MMCX Plug to SMA Bulkhead Jack, RG316/U
Model 73065
MMCX Plug to SMA Bulkhead Jack, RG316/U
Small size, and durability for
confident connections
Materials
MMCX Male Connector:
Center Contact: Phosphor Bronze, Gold Plated
Connector Body: Brass, Gold Plated
Crimp Ferrule: Copper, Nickel Plated
Insulators: PTFE
SMA Female Connector:
Center Contact: Beryllium Copper, Gold Plated
Connector Body: Brass, Gold Plated
Crimp Ferrule: Copper, Nickel Plated
Insulators: PTFE
Features
•
DC - 3GHz bandwidth.
•
Connectors are precision machined and gold-plated
for low loss.
•
Perfect for applications where space, weight,
performance and ease of connection are required.
Specifications
Cable Type
RG316/U
Impedance
50Ω
Frequency Range
DC - 3GHz
Insulation Resistance
≥ 500 MΩ
Insulator Withstand
500V
Temperature Range
-55º C to +155ºC
(-67ºF to +311ºF)
Jacket
FEP
Cable O.D.
0.098” (2.5mm)
Center Conductor (mm)
7 x .18 silver coated
copper covered steel
Ordering Information
Model: 73065
Cable Designator: BB = RG316/U
Standard Lengths: 12”, 24”, 36”, 48”
-
12” ± .157” (305mm ± 4mm)
-
24” ± .275” (610mm ± 7mm)
-
36” ± .394” (914mm ± 10mm)
-
48” ± .512” (1219mm ± 13mm)
Ordering Example: 73065-BB-36, Cable is RG316/U
with length of 36” (914mm)


Similar Part No. - 73065

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
7306 GILWAY-7306 Datasheet
33Kb / 1P
T-1 Subminiature Lamps
logo
V-COIL THREAD SYSTEM
7306 V-COIL-7306 Datasheet
102Kb / 3P
Wire-Thread-Inserts
logo
Presto International UK...
73060 PRESTO-73060 Datasheet
3Mb / 24P
ENGINEERS CUTTING TOOLS
logo
Pomona Electronics
73061 POMONA-73061 Datasheet
136Kb / 2P
BNC Right-Angle Plug, 50 Ohm, Crimp Type, RG58, 141
logo
KNIPEX
7306160 KNIPEX-7306160 Datasheet
341Kb / 3P
KNIPEX X-Cut® Compact Diagonal Cutter High lever transmission
05.07.2021
More results

Similar Description - 73065

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
73063 POMONA-73063 Datasheet
122Kb / 1P
MMCX Plug to MMCX Plug, RG316/U
73064 POMONA-73064 Datasheet
122Kb / 1P
MMCX Plug to Right-Angle MMCX Plug, RG316/U
73066 POMONA-73066 Datasheet
125Kb / 1P
MMCX Right-Angle Plug to SMA Bulkhead Jack, RG316/U
73070 POMONA-73070 Datasheet
157Kb / 2P
SMA Plug to SMA Bulkhead Jack, RG316/U, RG58C/U
73071 POMONA-73071 Datasheet
160Kb / 2P
SMA Right-Angle Plug to SMA Bulkhead Jack, RG142B/U, RG316/U
73078 POMONA-73078 Datasheet
126Kb / 1P
MMCX Plug to SMA Bulkhead Jack, RG178B/U
logo
Amphenol Corporation
135110-01-06.00 AMPHENOL-135110-01-06.00 Datasheet
44Kb / 1P
SMA CABLE ASSEMBLY STRAIGHT PLUG TO BULKHEAD JACK, RG316/U
135110-03-06.00 AMPHENOL-135110-03-06.00 Datasheet
45Kb / 1P
SMA CABLE ASSEMBLY STRAIGHT PLUG TO BULKHEAD JACK, RG316/U DB
135111-01-06.00 AMPHENOL-135111-01-06.00 Datasheet
42Kb / 1P
SMA R/A PLUG TO BULKHEAD JACK RG316
logo
Pasternack Enterprises,...
PE34240 PASTERNACK-PE34240 Datasheet
108Kb / 1P
CABLE ASSEMBLY RG316/U MMCX PLUG TO MMCX PLUG
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com