Electronic Components Datasheet Search
  English  ▼

X  

73087 Datasheet(PDF) 2 Page - Pomona Electronics

Part # 73087
Description  Jumper Test Lead Set
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

73087 Datasheet(HTML) 2 Page - Pomona Electronics

  73087 Datasheet HTML 1Page - Pomona Electronics 73087 Datasheet HTML 2Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
USA:
Sales: 800-490-2361
Technical Support: technicalsupport@pomonatest.com
Fax: 425-446-5844
Europe: 31-(0) 40 2675 150
International: 425-446-5500
Where to Buy: www.pomonaelectronics.com
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm),
.xxx = ± .005” (,127 mm). All specifications are to the latest revisions.
Specifications are subject to change without notice. Registered trademarks are
the property of their respective companies.
Copyright © 2009
D2019031 Rev. 001
Page 2 of 2
Model 73087
Jumper Test Lead Set
Ordering Information
Model: 73087-XX-*
XX = Standard Lengths: 6” (152), 12” (305), 24” (610), 36” (914), 72” (1829)
(9” (229), 20” (508), 150” (3810), and 210” (5334) lengths available in blue only)
Additional lengths may be quoted upon request.
* = Colors: -0 Black, -2 Red, -4 Yellow, -6 Blue
Ordering Example: 73087-12-6, banana plugs and jacks are Blue with a cable length of 12” (305mm)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com