Electronic Components Datasheet Search
  English  ▼

X  

BC640 Datasheet(PDF) 3 Page - ON Semiconductor

Part # BC640
Description  High Current Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC640 Datasheet(HTML) 3 Page - ON Semiconductor

  BC640 Datasheet HTML 1Page - ON Semiconductor BC640 Datasheet HTML 2Page - ON Semiconductor BC640 Datasheet HTML 3Page - ON Semiconductor BC640 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BC640, BC640−16
http://onsemi.com
3
−1000
−1
−2
−5
−10
−20
−50
−100
−200
−500
−100
−1
−2 −3 −4 −5 −7 −10
−20 −30−40 −50 −70
VCE, COLLECTOR−EMITTER VOLTAGE (VOLTS)
Figure 1. Active Region Safe Operating Area
BC636
BC638
BC640
PD TA 25°C
PD TC 25°C
SOA = 1S
PD TC 25°C
PD TA 25°C
500
200
100
50
20
−1
−3 −5
−10
−30 −50 −100
−300 −500 −1000
IC, COLLECTOR CURRENT (mA)
Figure 2. DC Current Gain
VCE = −2 V
500
300
100
50
20
−1
−10
−100
−1000
IC, COLLECTOR CURRENT (mA)
Figure 3. Current Gain Bandwidth Product
−1
−0.8
−0.6
−0.4
−0.2
0
−1
−10
IC, COLLECTOR CURRENT (mA)
Figure 4. “Saturation” and “On” Voltages
VBE(sat) @ IC/IB = 10
VBE(on) @ VCE = −2 V
VCE(sat) @ IC/IB = 10
−0.2
−1.0
−2.2
−1.6
IC, COLLECTOR CURRENT (mA)
Figure 5. Temperature Coefficients
VCE = −2 VOLTS
DT = 0°C to +100°C
qV for VBE
−A
−B
−L
VCE = −2 V
−100
−1000
−1
−3 −5
−10
−30 −50 −100
−300 −500 −1000



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com