Electronic Components Datasheet Search
  English  ▼

X  

5218 Datasheet(PDF) 1 Page - Pomona Electronics

Part # 5218
Description  Assembly Instructions
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

5218 Datasheet(HTML) 1 Page - Pomona Electronics

  5218 Datasheet HTML 1Page - Pomona Electronics 5218 Datasheet HTML 2Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
All dimensions are in inches and metric. All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies. Made in USA
5/21/02 SY/EH/LS
PomonaACCESS
90111 (800) 444-6785 or (425) 446-6010
Last saved by PN
More drawings available at www.pomonaelectronics.com
S:\Engineering\Release\DataSheets\FlukeDataSheet \d_AI_5218_2_03.doc
Page 1 of 2
Model 5218 & Assembly Instructions
Triaxial Male 3 Lung Connector To Cable
Sales: 800-490-2361 Fax: 888-403-3360
Technical Assistance: 800-241-2060
FEATURES:
• Fits Belden triaxial 9222 .242” O.D.
MATERIALS:
Body and Fittings: Brass, Tarnish Resistant Plating
Center Contact: Male: Brass, Tarnish Resistant Plating
Female: Gold Plated Beryllium Copper
Outer Contact: Gold Plated Beryllium Copper
Dielectric: PTFE
RATINGS:
Voltage: 500 VRMS
Impedance: 50Ohms
Temperature: -65° C. (-85° F.) to +165° C. (+329° F.)
Frequency Range: DC to 500MHz
ORDERING INFORMATION: Model 5218


Similar Part No. - 5218

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5218 ETC2-5218 Datasheet
457Kb / 1P
BATTERY CONTACTS FOR MOLDED CASES
logo
Keystone Electronics Co...
5218 KEYSTONE-5218 Datasheet
452Kb / 1P
BATTERY CONTACTS FOR MOLDED CASES
31-07 20th
logo
Bourns Electronic Solut...
5218-RC BOURNS-5218-RC Datasheet
2Mb / 2P
5200 Series - Hash Choke
5218-RC BOURNS-5218-RC Datasheet
2Mb / 2P
5200 Series - Hash Choke
5218-RC BOURNS-5218-RC Datasheet
2Mb / 2P
Hash Choke
More results

Similar Description - 5218

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5056 POMONA-5056 Datasheet
93Kb / 2P
Assembly Instructions
4661 POMONA-4661 Datasheet
34Kb / 2P
Assembly Instructions
4787 POMONA-4787 Datasheet
40Kb / 2P
Assembly Instructions
4859 POMONA-4859 Datasheet
26Kb / 2P
Assembly Instructions
4957 POMONA-4957 Datasheet
47Kb / 2P
Assembly Instructions
4997 POMONA-4997 Datasheet
26Kb / 2P
Assembly Instructions
5285 POMONA-5285 Datasheet
42Kb / 2P
Assembly Instructions
5344 POMONA-5344 Datasheet
28Kb / 2P
Assembly Instructions
5375 POMONA-5375 Datasheet
29Kb / 2P
Assembly Instructions
122505A POMONA-122505A Datasheet
25Kb / 2P
Assembly Instructions
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com