Electronic Components Datasheet Search
  English  ▼

X  

220101B Datasheet(PDF) 5 Page - Integrated Technology Future

Part # 220101B
Description  SAW Bandpass Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

220101B Datasheet(HTML) 5 Page - Integrated Technology Future

  220101B Datasheet HTML 1Page - Integrated Technology Future 220101B Datasheet HTML 2Page - Integrated Technology Future 220101B Datasheet HTML 3Page - Integrated Technology Future 220101B Datasheet HTML 4Page - Integrated Technology Future 220101B Datasheet HTML 5Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SAW Bandpass Filter 220101B
Part No.
220101B
CH2
CH1
S21
LOG
10 dB/
REF -21.62 dB
CENTER
69. 990 000 MHz
SPAN
4. 000 000 MHz
220101B
Cor
11 May 2004 08:50:25
1
2
3
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
2: -53 . 718 dB
-900 . 000 kHz
3: -45 . 468 dB
900 . 000 kHz
Rev. Date
2004-07-02
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
DS4037-CS02
5/5
S21
LOG
1 dB/
REF -21.45 dB
CENTER
69. 990 000 MHz
SPAN
2. 000 000 MHz
0101B
Cor
22
11 May 2004 08:51:33
2
3
3: . 38020
dB
1. 230 000 MHz
REF=2
CH2 Markers
mean : -21 . 785 dB
s. dev : . 13860
dB
p-p : . 66380
dB
CH1
S11
SWR
1 /
REF 0
CENTER
69. 990 000 MHz
SPAN
4. 000 000 MHz
220101B
Cor
CH3
SWR
1 /
REF 0
Cor
S22
11 May 2004 09:00:46
1
1: 1. 5499
69. 990 000 MHz
2
2: 1. 0366
69. 990 000 MHz
CH1
S11
1 U FS
CENTER
69. 990 000 MHz
SPAN
4. 000 000 MHz
220101B
Cor
CH3
S22
1 U FS
Cor
11 May 2004 09:00:14
1
1: 32. 258
-601 . 56 m
3. 7801 nF
69. 990 000 MHz
2
2: 48. 867
1. 3672
3. 1089 nH
69. 990 000 MHz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com