Electronic Components Datasheet Search
  English  ▼

X  

70SD201 Datasheet(PDF) 5 Page - Integrated Technology Future

Part # 70SD201
Description  SAW Delay-Line
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

70SD201 Datasheet(HTML) 5 Page - Integrated Technology Future

  70SD201 Datasheet HTML 1Page - Integrated Technology Future 70SD201 Datasheet HTML 2Page - Integrated Technology Future 70SD201 Datasheet HTML 3Page - Integrated Technology Future 70SD201 Datasheet HTML 4Page - Integrated Technology Future 70SD201 Datasheet HTML 5Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SAW Delay-Line 70SD201
Part No.
70SD201
Rev. Date
2004-07-08
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
ND2002-CS02
CH2
S21
LOG
1 dB/
REF -13.75 dB
CENTER
70. 000 000 MHz
SPAN
35. 000 000 MHz
Cor
PRm
7 Jul 2004 22:43:57
1
2
3
3: . 17730
dB
20. 000 000 MHz
REF=2
CH2 Markers
mean : -14 . 066 dB
s. dev : . 11040
dB
p-p : . 58300
dB
CH1
S11
1 U FS
CENTER
70. 000 000 MHz
SPAN
70. 000 000 MHz
70SD201
Cor
PRm
CH3
S22
1 U FS
Cor
7 Jul 2004 22:45:07
1
1: 13. 280
6. 9644
15. 834 nH
70. 000 000 MHz
2
2: 26. 299
-41 . 570
54. 694 pF
70. 000 000 MHz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com