Electronic Components Datasheet Search
  English  ▼

X  

CZRERT52C18 Datasheet(PDF) 1 Page - Comchip Technology

Part # CZRERT52C18
Description  SMD Zener Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CZRERT52C18 Datasheet(HTML) 1 Page - Comchip Technology

  CZRERT52C18 Datasheet HTML 1Page - Comchip Technology CZRERT52C18 Datasheet HTML 2Page - Comchip Technology CZRERT52C18 Datasheet HTML 3Page - Comchip Technology CZRERT52C18 Datasheet HTML 4Page - Comchip Technology CZRERT52C18 Datasheet HTML 5Page - Comchip Technology CZRERT52C18 Datasheet HTML 6Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Voltage 2 to 39 Volts
Power 150 mWatts
Page 1
QW-A2014
Features
150mW Power Dissipation.
High Voltages from 2 ~ 39 V.
Designed for mounting on small surface.
Extremely thin/leadless package.
Pb free product.
Mechanical data
Case: 0503(1308)Standard package
Molded plastic.
Terminals: Gold plated, solderable per
MIL-STD-750,method 2026.
Polarity: Indicated by cathode band.
Weight:
gram(approx.).
0.0011
Peak ESD voltage capability (IEC 61000-4-2)
Parameter
Symbol
Value
0.9
150
8
Unit
V
mW
Forward current , surge peak
8.3 ms single half sine-wave superimposed
on rate load( JEDEC method )
2.0
A
Maximum Rating AND Electrical Characteristics
IFSM
PD
VF
VPV
kV
Maximum Forward Voltage Drop at IF = 10 mA
O
Maximum Power Dissipation at 25 C
REV:A
SMD Diodes Specialist
Operating Junction and Storage Temperature Range
-55 to +125
TJ
OC
(RoHS Device)
CZRERT52C2 Thru CZRERT52C39
SMD Zener Diode
Comchip Technology CO., LTD.
0.053(1.35)
0.045(1.15)
0.034(0.85)
0.026(0.65)
0.022(0.55)
0.018(0.45)
Dimensions in inches and (millimeter)
0503(1308)
0.022(0.55) Typ.
0.016(0.40) Typ.


Similar Part No. - CZRERT52C18

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRERT52C18-HF COMCHIP-CZRERT52C18-HF Datasheet
269Kb / 6P
SMD Zener Diode
More results

Similar Description - CZRERT52C18

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRF52C2 COMCHIP-CZRF52C2 Datasheet
244Kb / 4P
SMD Zener Diode
CZRA4728-G COMCHIP-CZRA4728-G Datasheet
96Kb / 3P
SMD Zener Diode
CZRER52C2-HF COMCHIP-CZRER52C2-HF Datasheet
271Kb / 6P
SMD Zener Diode
CZRFR2V4B-HF COMCHIP-CZRFR2V4B-HF Datasheet
136Kb / 5P
SMD Zener Diode
CZRU2V4B-HF COMCHIP-CZRU2V4B-HF Datasheet
137Kb / 5P
SMD Zener Diode
CZRUR52C2-HF COMCHIP-CZRUR52C2-HF Datasheet
161Kb / 6P
SMD Zener Diode
ACZRV5223B-HF COMCHIP-ACZRV5223B-HF Datasheet
132Kb / 5P
SMD Zener Diode
CZRL55C2V4-G COMCHIP-CZRL55C2V4-G Datasheet
434Kb / 6P
SMD Zener Diode
CZRQC52C2V4-HF COMCHIP-CZRQC52C2V4-HF Datasheet
111Kb / 4P
SMD Zener Diode
CZRT23C2V7-HF COMCHIP-CZRT23C2V7-HF Datasheet
326Kb / 5P
SMD Zener Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com