Electronic Components Datasheet Search
  English  ▼

X  

206115B Datasheet(PDF) 5 Page - Integrated Technology Future

Part # 206115B
Description  SAW Bandpass Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

206115B Datasheet(HTML) 5 Page - Integrated Technology Future

  206115B Datasheet HTML 1Page - Integrated Technology Future 206115B Datasheet HTML 2Page - Integrated Technology Future 206115B Datasheet HTML 3Page - Integrated Technology Future 206115B Datasheet HTML 4Page - Integrated Technology Future 206115B Datasheet HTML 5Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SAW Bandpass Filter 206115B
Part No.
206115B
CH2
S21
LOG
1 dB/
REF -6.085 dB
CENTER
70. 000 000 MHz
SPAN
6. 000 000 MHz
CH1
S21
LOG
10 dB/
REF -6.047 dB
START
. 010 000 MHz
STOP 300 . 000 000 MHz
206115B
26 Apr 2004 18:35:35
1
2
3
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
2: -24 . 608 dB
70. 0000 MHz
3: -27 . 506 dB
140 . 000 MHz
Rev. Date
2004-04-27
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NI1011- CS03
5/5
206115B
Cor
CH4
LOG
1 dB/
REF -6.566 dB
Cor
S21
26 Apr 2004 18:34:08
2
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH2 Markers
BW:
3. 209002
MHz
cent :
70. 011245
MHz
Q: 21. 817
1_loss : -6 . 0793 dB
4
2
3
3: - . 26540 dB
2. 660 000 MHz
REF=2
CH4 Markers
mean : -6 . 1735 dB
s. dev : . 11250
dB
p-p : . 58190
dB
CH1
S11
SWR
5 /
REF 0
CENTER
70. 000 000 MHz
SPAN
20. 000 000 MHz
6115B
Cor
20
CH3
SWR
5 /
REF 0
Cor
S22
26 Apr 2004 18:34:57
1
1: 1. 5366
70. 000 000 MHz
2
2: 1. 2115
70. 000 000 MHz
CH1
S11
1 U FS
CENTER
70. 000 000 MHz
SPAN
20. 000 000 MHz
206115B
Cor
CH3
S22
1 U FS
Cor
26 Apr 2004 18:34:45
1
1: 63. 369
-20 . 377
111 . 58 pF
70. 000 000 MHz
2
2: 59. 213
-4 . 9707
457 . 41 pF
70. 000 000 MHz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com