Electronic Components Datasheet Search
  English  ▼

X  

201271B Datasheet(PDF) 5 Page - Integrated Technology Future

Part # 201271B
Description  SAW Bandpass Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

201271B Datasheet(HTML) 5 Page - Integrated Technology Future

  201271B Datasheet HTML 1Page - Integrated Technology Future 201271B Datasheet HTML 2Page - Integrated Technology Future 201271B Datasheet HTML 3Page - Integrated Technology Future 201271B Datasheet HTML 4Page - Integrated Technology Future 201271B Datasheet HTML 5Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SAW Bandpass Filter 201271B
Part No.
201271B
CH2
CH1
S21
LOG
10 dB/
REF -34.31 dB
START
. 010 000 MHz
STOP 290 . 000 000 MHz
201271B
4 Jun 2004 04:22:10
1
2
3
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
2: -21 . 648 dB
86. 9000 MHz
3: -12 . 622 dB
115 . 900 MHz
Rev. Date
2006-10-18
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NI2013-CS03
5/10
S21
LOG
1 dB/
REF -20.5 dB
CENTER 140 . 000 000 MHz
SPAN
. 700 000 MHz
1271B
Cor
20
CH4
LOG
1 dB/
REF -20.5 dB
Cor
S21
4 Jun 2004 04:19:07
2
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH2 Markers
BW:
. 170187
MHz
cent
: 140 . 016402
MHz
Q: 822 . 72
1_loss : -20 . 584 dB
4
2
3
3: . 45770
dB
. 083 000 MHz
REF=2
CH4 Markers
mean : -20 . 672 dB
s. dev : . 14930
dB
p-p : . 51060
dB
CH1
S11
SWR
10 /
REF 0
CENTER 140 . 000 000 MHz
SPAN
3. 000 000 MHz
201271B
Cor
CH3
SWR
10 /
REF 0
Cor
S22
4 Jun 2004 04:19:40
1
1: 10. 896
140 . 000 000 MHz
2
2: 11. 596
140 . 000 000 MHz
CH1
S11
1 U FS
CENTER 140 . 000 000 MHz
SPAN
3. 000 000 MHz
201271B
Cor
CH3
S22
1 U FS
Cor
4 Jun 2004 04:19:25
1
1: 5. 2207
-17 . 950
63. 332 pF
140 . 000 000 MHz
2
2: 4. 9082
-18 . 604
61. 105 pF
140 . 000 000 MHz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com