Electronic Components Datasheet Search
  English  ▼

X  

201150B Datasheet(PDF) 5 Page - Integrated Technology Future

Part # 201150B
Description  SAW Bandpass Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

201150B Datasheet(HTML) 5 Page - Integrated Technology Future

  201150B Datasheet HTML 1Page - Integrated Technology Future 201150B Datasheet HTML 2Page - Integrated Technology Future 201150B Datasheet HTML 3Page - Integrated Technology Future 201150B Datasheet HTML 4Page - Integrated Technology Future 201150B Datasheet HTML 5Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SAW Bandpass Filter 201150B
Part No.
201150B
CH1
CH1
S21
LOG
10 dB/
REF -21.42 dB
START
. 010 000 MHz
STOP 300 . 000 000 MHz
21 Jun 2004 18:00:00
1
1: -21 . 420 dB
70. 000 000 MHz
Rev. Date
2004-06-22
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NI2038-CS02
5/5
S21
LOG
1 dB/
REF -21.95 dB
Cor
CH2
S21
LOG
1 dB/
REF -22.31 dB
CENTER
70. 000 000 MHz
SPAN
21. 000 000 MHz
Cor
21 Jun 2004 17:57:55
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
BW:
17. 671722
MHz
cent :
70. 023853
MHz
Q: 3. 9625
1_loss : -22 . 356 dB
2
3
3: . 19900
dB
16. 000 000 MHz
REF=2
CH2 Markers
mean : -22 . 231 dB
s. dev : . 13010
dB
p-p : . 60460
dB
CH1
S11
SWR
10 /
REF 6.351
CENTER
70. 000 000 MHz
SPAN
53. 000 000 MHz
Cor
CH2
SWR
10 /
REF 5.314
Cor
S22
21 Jun 2004 17:59:28
1
1: 6. 3547
70. 000 000 MHz
2
2: 5. 3291
70. 000 000 MHz
CH1
S11
1 U FS
Cor
CH2
S22
1 U FS
CENTER
70. 000 000 MHz
SPAN
53. 000 000 MHz
Cor
21 Jun 2004 17:59:35
1
1: 8. 2305
-10 . 653
213 . 42 pF
70. 000 000 MHz
2
2: 14. 855
-37 . 180
61. 153 pF
70. 000 000 MHz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com