Electronic Components Datasheet Search
  English  ▼

X  

270551B Datasheet(PDF) 5 Page - Integrated Technology Future

Part # 270551B
Description  Bandpass Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

270551B Datasheet(HTML) 5 Page - Integrated Technology Future

  270551B Datasheet HTML 1Page - Integrated Technology Future 270551B Datasheet HTML 2Page - Integrated Technology Future 270551B Datasheet HTML 3Page - Integrated Technology Future 270551B Datasheet HTML 4Page - Integrated Technology Future 270551B Datasheet HTML 5Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Bandpass Filter 270551B
Part No.
270551B
Rev. Date
2008-05-16
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NJ8008-AS01
5/5
CH2 S21
LOG
1 dB/
REF -7.4 dB
CENTER 70. 000 000 MHz
SPAN 8. 000 000 MHz
Cor
CH4 S21
LOG
1 dB/
REF -7.4 dB
Cor
15 May 2008 21:12:42
2
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH2 Markers
BW
:
4. 992408 MHz
cent :
69. 987501 MHz
Q: 14. 019
1_loss : -7 . 5105 dB
4
2
3
3:- . 20700 dB
4. 400 000 MHz
REF=2
CH4 Markers
mean:-7 . 6030 dB
s. dev : . 11560 dB
p-p : . 49970 dB
CH1 S21
LOG
10 dB/
REF -7.4 dB
START . 010 000 MHz
STOP 300. 000 000 MHz
15 May 2008 21:14:05
1
2
3
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
2:-46 . 669 dB
70. 0000 MHz
3:-67 . 361 dB
140. 000 MHz
CH1 S11
SWR
2 /
REF 0
CENTER 70. 000 000 MHz
SPAN 22. 000 000 MHz
Cor
CH3 S22
SWR
2 /
REF 0
Cor
15 May 2008 21:13:37
1
1: 1. 7214
70. 000 000 MHz
2
2: 1. 5610
70. 000 000 MHz
CH1 S11
1 U FS
CENTER 70. 000 000 MHz
SPAN 22. 000 000 MHz
Cor
CH3 S22
1 U FS
Cor
15 May 2008 21:13:05
1
1: 29. 036
-21 . 484 m
105. 83 nF
70. 000 000 MHz
2
2: 32. 502
4. 6855
10. 653 nH
70. 000 000 MHz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com