Electronic Components Datasheet Search
  English  ▼

X  

201142C Datasheet(PDF) 2 Page - Integrated Technology Future

Part # 201142C
Description  SAW Bandpass Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

201142C Datasheet(HTML) 2 Page - Integrated Technology Future

  201142C Datasheet HTML 1Page - Integrated Technology Future 201142C Datasheet HTML 2Page - Integrated Technology Future 201142C Datasheet HTML 3Page - Integrated Technology Future 201142C Datasheet HTML 4Page - Integrated Technology Future 201142C Datasheet HTML 5Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SAW Bandpass Filter 201142C
Part No.
201142C
3. Specifications
Fo = 70 MHz
Terminating source impedance
: 50
Ω and matching network
Terminating load impedance
: 50
Ω and matching network
Operating temperature range :
-15℃ ~ +75℃
Minimum
Typical
Maximum
Center Frequency
MHz
-
70.0
-
Insertion Loss
dB
-
25.5
27.0
1dB Bandwidth
MHz
-
9.85
-
3dB Bandwidth
MHz
10.0
10.1
-
40dB Bandwidth
MHz
-
11.13
11.25
Amplitude Ripple (Fo +/- 4.375 MHz)
dB
-
0.9
1.2
Group Delay Variation (Fo +/- 4.375 MHz)
nsec
-
80
150
Absolute Delay
usec
-
3.18
-
Ultimate Rejection
dB
50
55
-
Temperature Coefficient of Frequency
ppm/°C
-
-90
-
Operating temperature range : + 25 ℃
Minimum
Typical
Maximum
Center Frequency
MHz
69.96
70.0
70.04
Amplitude Ripple (Fo +/- 4.7 MHz)
dB
-
1.0
1.2
Group Delay Variation (Fo +/- 4.7 MHz)
nsec
-
80
150
Notes :
1)
All specifications are based on the matching schematic shown below
2)
All specifications are measured by Agilent Network analyzer and full 2 port calibration
3)
Electrical margin has been built into the design to account for the variations due to temperature drift and
manufacturing tolerances
4)
All attenuation measurements are measured relative to insertion loss
Rev. Date
2004-03-22
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NM3034-CS03
2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com