Electronic Components Datasheet Search
  English  ▼

X  

222001B Datasheet(PDF) 5 Page - Integrated Technology Future

Part # 222001B
Description  SAW Bandpass Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

222001B Datasheet(HTML) 5 Page - Integrated Technology Future

  222001B Datasheet HTML 1Page - Integrated Technology Future 222001B Datasheet HTML 2Page - Integrated Technology Future 222001B Datasheet HTML 3Page - Integrated Technology Future 222001B Datasheet HTML 4Page - Integrated Technology Future 222001B Datasheet HTML 5Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SAW Bandpass Filter 222001B
Part No.
222001B
CH1
CH1
S21
LOG
10 dB/
REF -24.95 dB
START
. 010 000 MHz
STOP 300 . 000 000 MHz
22 May 2006 14:07:14
1
2
3
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
2: -64 . 755 dB
62. 5000 MHz
3: -61 . 318 dB
125 . 000 MHz
Rev. Date
2006-05-22
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NM4004-CS03
5/5
S21
LOG
1 dB/
REF -25.4 dB
Cor
CH2
S21
LOG
1 dB/
REF -24.99 dB
CENTER
62. 500 000 MHz
SPAN
24. 000 000 MHz
Cor
22 May 2006 13:50:31
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
BW:
20. 132643
MHz
cent :
62. 533110
MHz
Q: 3. 1061
1_loss : -25 . 707 dB
2
3
3: . 15720
dB
19. 500 000 MHz
REF=2
CH2 Markers
mean : -25 . 728 dB
s. dev : . 09380
dB
p-p : . 54150
dB
CH1
S11
SWR
20 /
REF 7.867
Cor
CH2
S22
SWR
20 /
REF 9.263
CENTER
62. 500 000 MHz
SPAN
57. 000 000 MHz
Cor
22 May 2006 14:06:09
1
1: 7. 8384
62. 500 000 MHz
2
2: 9. 2202
62. 500 000 MHz
CH1
S11
1 U FS
CENTER
62. 500 000 MHz
SPAN
57. 000 000 MHz
Cor
CH2
S22
1 U FS
Cor
22 May 2006 14:06:15
1
1: 12. 295
-47 . 654
53. 437 pF
62. 500 000 MHz
-16 . 945
2
2: 6. 0361
150 . 28 pF
62. 500 000 MHz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com