Electronic Components Datasheet Search
  English  ▼

X  

272003B Datasheet(PDF) 5 Page - Integrated Technology Future

Part # 272003B
Description  SAW Bandpass Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

272003B Datasheet(HTML) 5 Page - Integrated Technology Future

  272003B Datasheet HTML 1Page - Integrated Technology Future 272003B Datasheet HTML 2Page - Integrated Technology Future 272003B Datasheet HTML 3Page - Integrated Technology Future 272003B Datasheet HTML 4Page - Integrated Technology Future 272003B Datasheet HTML 5Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SAW Bandpass Filter 272003B
Part No.
272003B
CH1
CH1
S21
LOG
10 dB/
REF -22.91 dB
START
. 010 000 MHz
STOP 250 . 000 000 MHz
17 Feb 2005 12:01:51
1
2
3
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
2: -69 . 204 dB
70. 0000 MHz
3: -68 . 881 dB
140 . 000 MHz
Rev. Date
2005-03-27
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NM5005-CS02
5/5
S21
LOG
1 dB/
REF -22.83 dB
Cor
CH2
S21
LOG
1 dB/
REF -23.19 dB
CENTER
70. 000 000 MHz
SPAN
25. 000 000 MHz
Cor
17 Feb 2005 14:05:50
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
BW:
20. 159666
MHz
cent :
69. 989488
MHz
Q: 3. 4718
1_loss : -23 . 066 dB
2
3
3: . 40490
dB
19. 500 000 MHz
REF=2
CH2 Markers
mean : -23 . 002 dB
s. dev : . 09890
dB
p-p : . 53240
dB
CH1
S11
SWR
10 /
REF 5.139
Cor
CH2
S22
SWR
10 /
REF 4.392
CENTER
70. 000 000 MHz
SPAN
55. 000 000 MHz
Cor
17 Feb 2005 14:08:02
1
1: 5. 1453
70. 000 000 MHz
2
2: 4. 3970
70. 000 000 MHz
CH1
S11
1 U FS
CENTER
70. 000 000 MHz
SPAN
55. 000 000 MHz
Cor
CH2
S22
1 U FS
Cor
17 Feb 2005 14:08:09
1
1: 10. 290
-11 . 900
191 . 06 pF
70. 000 000 MHz
2
2: 11. 393
-1 . 5669
1. 4511 nF
70. 000 000 MHz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com