Electronic Components Datasheet Search
  English  ▼

X  

262002B Datasheet(PDF) 5 Page - Integrated Technology Future

Part # 262002B
Description  SAW Bandpass Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

262002B Datasheet(HTML) 5 Page - Integrated Technology Future

  262002B Datasheet HTML 1Page - Integrated Technology Future 262002B Datasheet HTML 2Page - Integrated Technology Future 262002B Datasheet HTML 3Page - Integrated Technology Future 262002B Datasheet HTML 4Page - Integrated Technology Future 262002B Datasheet HTML 5Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SAW Bandpass Filter 262002B
Part No.
262002B
CH1
S21
LOG
1 dB/
REF -26.88 dB
Cor
CH2
S21
LOG
1 dB/
REF -27.24 dB
CH1
S21
LOG
10 dB/
REF -27.9 dB
START
. 010 000 MHz
STOP 900 . 000 000 MHz
18 Sep 2006 20:35:53
1
2
3
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
2: -67 . 092 dB
250 . 000 MHz
3: -72 . 289 dB
500 . 000 MHz
Rev. Date
2006-09-20
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NM6031-CS01
5/5
CENTER 250 . 000 000 MHz
SPAN
24. 000 000 MHz
Cor
18 Sep 2006 20:31:44
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
BW:
20. 059608
MHz
cent : 249 . 958268
MHz
Q: 12. 461
1_loss : -26 . 993 dB
2
3
3: - . 17640
dB
19. 500 000 MHz
REF=2
CH2 Markers
mean : -27 . 091 dB
s. dev : . 19250
dB
p-p : . 78660
dB
CH1
S11
SWR
1 /
REF 2.37
Cor
CH2
S22
SWR
1 /
REF 1.673
CENTER 250 . 000 000 MHz
SPAN
55. 000 000 MHz
Cor
18 Sep 2006 20:33:00
CH1
S11
1 U FS
1
1: 2. 3488
250 . 000 000 MHz
2
2: 1. 6792
250 . 000 000 MHz
Cor
CH2
S22
1 U FS
CENTER 250 . 000 000 MHz
SPAN
55. 000 000 MHz
Cor
18 Sep 2006 20:33:07
1
1: 37. 137
35. 678
22. 713 nH
250 . 000 000 MHz
2
2: 57. 947
26. 873
17. 108 nH
250 . 000 000 MHz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com