Electronic Components Datasheet Search
  English  ▼

X  

RB751V-40 Datasheet(PDF) 3 Page - Comchip Technology

Part # RB751V-40
Description  SMD Schottky Barrier Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

RB751V-40 Datasheet(HTML) 3 Page - Comchip Technology

  RB751V-40 Datasheet HTML 1Page - Comchip Technology RB751V-40 Datasheet HTML 2Page - Comchip Technology RB751V-40 Datasheet HTML 3Page - Comchip Technology RB751V-40 Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SMD Schottky Barrier Diode
Page 3
SMD Diodes Specialist
REV:A
Trailer
Device
Leader
10 pitches (min)
10 pitches (min)
.......
.......
.......
.......
.......
.......
..... ..
.......
End
Start
D1
D2
D
W1
Direction of Feed
Reel Taping Specification
Comchip Technology CO., LTD.
B
C
d
D
D2
D1
SOD-323
SYMBOL
A
(mm)
(inch)
2.142 MIN.
1.52 ± 0.10
2.90 ± 0.10
4.00 ± 0.10
1.50 ± 0.10
3.50 ± 0.05
1.75 ± 0.10
54.4 MIN.
13.0 ± 0.20
1.35 ± 0.10
4.00 ± 0.10
2.00 ± 0.05
8.00 ± 0.30
9.5 MAX.
178 ± 1
0.114 ± 0.004
0.060± 0.004
0.053 ± 0.004
0.059 ± 0.004
7.008 ± 0.040
0.512 ± 0.008
SOD-323
SYMBOL
(mm)
(inch)
0.315 0.012
±
0.138 ± 0.002
0.069 ± 0.004
0.157 ± 0.004
0.157 ± 0.004
0.079 ± 0.002
0.374 MAX
E
F
P
P0
P1
W
W1
Index hole
d
E
F
B
W
A
P
P0
P1
T
C
QW-BB029



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com