Electronic Components Datasheet Search
  English  ▼

X  

NFS110-7601PJ Datasheet(PDF) 3 Page - Emerson Network Power

Part # NFS110-7601PJ
Description  Single & Quad output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

NFS110-7601PJ Datasheet(HTML) 3 Page - Emerson Network Power

  NFS110-7601PJ Datasheet HTML 1Page - Emerson Network Power NFS110-7601PJ Datasheet HTML 2Page - Emerson Network Power NFS110-7601PJ Datasheet HTML 3Page - Emerson Network Power NFS110-7601PJ Datasheet HTML 4Page - Emerson Network Power NFS110-7601PJ Datasheet HTML 5Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Rev. 11.2.09_69
NFS110 Series
3 of 5
Embedded Power for
Business-Critical Continuity
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
Notes
1 Convection cooled, 80 W maximum.
2 Peak outputs lasting less than 60 seconds with duty cycle less than 10%. Total
peak power must not exceed 110 W.
3 Forced air, 20 CFM at 1 atmosphere, 110 W maximum.
4 Figure is peak-to-peak. Output ripple is measured across a 50 MHz bandwidth
using a 12 inch twisted pair terminated with a 47 µF capacitor.
5 Total regulation is defined as the static output regulation at 25 °C, including
initial tolerance, line voltage within stated limits and output voltages adjusted
to their factory settings.
6 To achieve stated regulation on the 24 V output on the NFS110-7602PJ, the
following load condition must be true: IA / IB ≤ 5, where:
IA = +5.1 V output current, and
IB = +24 V output current
The +24 V output will maintain ±5.0% regulation under the following
additional condition: IA ≤ 5 A.
7 Single output models have floating outputs which may be referenced as
either positive or negative. Higher voltage supplies may be adjusted over a
wide output voltage range, as long as the total output power does not exceed
80 Watts (natural convection) or 110 Watts (forced air).
8 Power fail detect not available on single output models.
9 Derating curve is application specific for ambient temperatures >50 °C,
for optimum reliability no part of the heatsink should exceed 90 ºC and no
semiconductor case temperature should exceed 100 ºC.
10 Caution: Allow a minimum of 1 second after disconnecting the power when
making thermal measurements.
11 Three orthogonal axes, random vibration, 10 minute test for each axis.
12 This product is only for inclusion by professional installers within other
equipment and must not be operated as a stand alone product.
13 Recommend a minimum load of 11 W to achieve the design MTBF. See the
derating curve on page 4.
14 Power failure detec is optional by including the suffix “P” to the model
number.
15 The ‘J’ suffix indicates that these parts are Pb-free (RoHS 6/6) compliant.
16 NOTICE: Some models do not support all options. Please contact your
local Emerson Network Power representative or use the on-line model
number search tool at http://www.PowerConversion.com to find a suitable
alternative.
Ordering Information
Output
Voltage
Output Currents
Ripple (4)
Total
Regulation (5)
Model Numbers (13, 15, F)
Max (1)
Peak (2)
Fan (3)
+5.1 V
8 A
20 A
10 A
50 mV
± 2.0%
NFS110-7601PJ (14)
+12 V
4.5 A
9 A
5 A
120 mV
± 3.0%
–12 V
0.5 A
1.5 A
1 A
120 mV
± 3.0%
–5 V
0.5 A
1.5 A
1 A
50 mV
± 3.0%
+5.1 V (IA)
8 A
20 A
10 A
50 mV
± 2.0%
NFS110-7602PJ (6, 14)
+24 V (IB) (6)
3.5 A
4.5 A
4.5 A
240 mV
+10/–5.0%
+12 V
4.5 A
9 A
5 A
120 mV
± 3.0%
–12 V
0.5 A
1.5 A
1 A
120 mV
± 3.0%
+5.1 V
8 A
20 A
10 A
50 mV
± 2.0%
NFS110-7604PJ (14)
15 V
4 A
7.5 A
5 A
150 mV
± 4.0%
-15 V
0.5 A
1.5 A
1 A
150 mV
± 3.0%
-5 V
0.5 A
1.5 A
1 A
50 mV
± 3.0%
12 V
7 A
9 A
9 A
120 mV
± 2.0%
NFS110-7612J (7,8)
15 V
5 A
7.3 A
7.3 A
150 mV
± 2.0%
NFS110-7615J (7,8)
24 V
3.5 A
4.5 A
4.5 A
240 mV
± 2.0%
NFS110-7624J (7,8)
Transient Response
NFS110-7601PJ
+5.1 V (7.5 A to 10 A)
+12 V (2.5 A to 5 A)
-12 V (0.5 A to 1 A)
-5 V (0.5 A to 1 A)
150 mV peak, 1 ms recovery
100 mV peak, 0.5 ms recovery
100 mV peak, 0.5 ms recovery
100 mV peak, 0.5 ms recovery
NFS110-7602PJ
+5.1 V (7.5 A to 10 A)
+24 V (1.5 A to 3 A)
+12 V (2.5 A to 5 A)
-12 V (0.5 A to 1 A)
150 mV peak, 1 ms recovery
300 mV peak, 1 ms recovery
100 mV peak, 0.5 ms recovery
100 mV peak, 0.5 ms recovery
NFS110-7604PJ
+5.1 V (7.5 A to 10 A)
+15 V (2.5 A to 5 A)
-15 V (0.5 A to 1 A)
-5 V (0.5 A to 1 A)
150 mV peak, 1 ms recovery
100 mV peak, 0.5 ms recovery
100 mV peak, 0.5 ms recovery
100 mV peak, 0.5 ms recovery
NFS110-7605J
+5.1 V (10 A to 20 A)
250 mV peak, 1 ms recovery
NFS110-7612J:
+12 V (4.5 A to 9 A)
360 mV peak, 1 ms recovery
NFS110-7615J
+15 V (3.65 A to 7.3 A)
450 mV peak, 1 ms recovery
NFS110-7624J
+24 V (2.25 A to 4.5 A)
720 mV peak, 1 ms recovery



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com