Electronic Components Datasheet Search
  English  ▼

X  

NLP250 Datasheet(PDF) 1 Page - Emerson Network Power

Part # NLP250
Description  Single Output Medical safeties
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

NLP250 Datasheet(HTML) 1 Page - Emerson Network Power

  NLP250 Datasheet HTML 1Page - Emerson Network Power NLP250 Datasheet HTML 2Page - Emerson Network Power NLP250 Datasheet HTML 3Page - Emerson Network Power NLP250 Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
Embedded Power for
Business-Critical Continuity
NLP250 Medical
Series
Single Output
Special Features
• Medicalsafeties
• ActivePFCand
EN61000-3-2 compliant
• 250Wonmainchannelwith
forced air
• Lowprofilefits1Uapplications
• U-Channelformaximum
thermalperformance
• Optionalcover(CJsuffix)
• 5Vstandbyoutput
• 12Vfanoutput
• Integratedcontroland
monitoring features
• Overcurrent,overvoltageand
overtemperatureprotection
• CompliancetoEN55022-B
conducted noise standard
• DualACfuses
• RoHScompliant
• 2yearwarranty
Total Power:
250W
Input Voltage: 85-264VAC
# of Outputs:
Single
Rev.10.1.09_181
NLP250 Medical Series
1 of 4
ElectricalSpecifications
Allspecificationsaretypicalatnominalinput,fullloadat25
°Cunlessotherwisestated
Safety
VDE0750/EN60950
IEC950/IEC60601-1
FileNo.1177400-3336-0759
UL60601-1
FileNo.E186249
CertificateNo.40014041
CBRefDE1-36628
Input
Inputvoltagerange:
Universalinput
85-264Vac
Inputfrequencyrange:
47-63Hz
Inputsurgecurrent:
264Vac(coldstart)
40Amax.
Safetygroundleakagecurrent:
264Vac,50Hz
150µA
Inputcurrent:
120Vac@250W
230Vac@250W
2.78Arms
1.36Arms
Inputfuse:
UL/IEC127
T6.4AH,250VacInliveand
neutral
Output
Maximumpower:
200LFMforcedair
250LFMwithcover
250watts
Adjustmentrange:
Mainoutput
±5%
Totalregulation:
(lineandload)
Mainoutput
Auxiliaryoutputs
±2.0%
±5.0%
Turn-ondelay:
@120VacInput
2.0smax.
Transientresponse:
Mainoutput
50-100%
Stepat0.5A/µs
5.0%or250mV
max.dev.,1msmax
recoveryto1%
Temperaturecoefficient:
±0.02%/°C
Overvoltageprotection:
Mainoutput
115%,±5%
Shortcircuitprotection:
Cyclic operation
Continuous
Minimumoutputcurrent:
Singles
0A
Auxiliaryoutputs:
(SeeNote8,page3)
5Vsb
12V(fan)
5V@1.0A
12V@0.3A


Similar Part No. - NLP250

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
NLP250 ARTESYN-NLP250 Datasheet
424Kb / 3P
250 W AC/DC Universal Input Switch Mode Power Supplies
logo
Emerson Network Power
NLP250 EMERSON-NETWORKPOWER-NLP250 Datasheet
444Kb / 4P
Active PFC and EN61000-3-2 compliant
NLP250 EMERSON-NETWORKPOWER-NLP250 Datasheet
1Mb / 4P
Active PFC and EN61000-3-2 compliant
NLP250 EMERSON-NETWORKPOWER-NLP250 Datasheet
573Kb / 4P
Active PFC and EN61000-3-2 compliant
NLP250-DC EMERSON-NETWORKPOWER-NLP250-DC Datasheet
779Kb / 4P
Single Output
More results

Similar Description - NLP250

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
DA12-M EMERSON-NETWORKPOWER-DA12-M Datasheet
692Kb / 4P
Medical and ITE Safeties
LPS100-M EMERSON-NETWORKPOWER-LPS100-M Datasheet
618Kb / 3P
Medical and ITE safeties
LPS200-M EMERSON-NETWORKPOWER-LPS200-M Datasheet
757Kb / 3P
Medical and ITE safeties
LPS200-M EMERSON-NETWORKPOWER-LPS200-M_09 Datasheet
791Kb / 3P
Medical and ITE safeties
DA12-M EMERSON-NETWORKPOWER-DA12-M_09 Datasheet
603Kb / 4P
Medical and ITE Safeties
LPS202-M EMERSON-NETWORKPOWER-LPS202-M Datasheet
517Kb / 3P
Medical and ITE safeties
LPS200-M_0907 EMERSON-NETWORKPOWER-LPS200-M_0907 Datasheet
517Kb / 3P
250 Watts Medical and ITE safeties
logo
Artesyn Technologies
DA12-M ARTESYN-DA12-M Datasheet
2Mb / 6P
Medical and ITE Safeties
DP40 ARTESYN-DP40 Datasheet
516Kb / 2P
Medical and ITE safeties
LPQ200-M ARTESYN-LPQ200-M Datasheet
1Mb / 3P
Medical and ITE safeties
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com