Electronic Components Datasheet Search
  English  ▼

X  

ADC0802 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC0802
Description  8-Bit 關P Compatible A/D Converters
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC0802 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button ADC0802 Datasheet HTML 12Page - National Semiconductor (TI) ADC0802 Datasheet HTML 13Page - National Semiconductor (TI) ADC0802 Datasheet HTML 14Page - National Semiconductor (TI) ADC0802 Datasheet HTML 15Page - National Semiconductor (TI) ADC0802 Datasheet HTML 16Page - National Semiconductor (TI) ADC0802 Datasheet HTML 17Page - National Semiconductor (TI) ADC0802 Datasheet HTML 18Page - National Semiconductor (TI) ADC0802 Datasheet HTML 19Page - National Semiconductor (TI) ADC0802 Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 41 page
background image
Typical Applications (Continued)
Functional Description
1.0 UNDERSTANDING A/D ERROR SPECS
A perfect A/D transfer characteristic (staircase waveform) is
shown in
Figure 1. The horizontal scale is analog input
voltage and the particular points labeled are in steps of 1
LSB (19.53 mV with 2.5V tied to the V
REF/2 pin). The digital
output codes that correspond to these inputs are shown as
D−1, D, and D+1. For the perfect A/D, not only will
center-value (A−1, A, A+1, .... ) analog inputs produce
the correct output digital codes, but also each riser (the
transitions between adjacent output codes) will be located
±1⁄2 LSB away from each center-value. As shown, the risers
are ideal and have no width. Correct digital output codes will
be provided for a range of analog input voltages that extend
Sampling an AC Input Signal
DS005671-78
Note 11: Oversample whenever possible [keep fs > 2f(−60)] to eliminate input frequency folding (aliasing) and to allow for the skirt response of the filter.
Note 12: Consider the amplitude errors which are introduced within the passband of the filter.
70% Power Savings by Clock Gating
DS005671-79
(Complete shutdown takes
≈ 30 seconds.)
Power Savings by A/D and V
REF Shutdown
DS005671-80
*Use ADC0801, 02, 03 or 05 for lowest power consumption.
Note: Logic inputs can be driven to VCC with A/D supply at zero volts.
Buffer prevents data bus from overdriving output of A/D when in shutdown mode.
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com