Electronic Components Datasheet Search
  English  ▼

X  

243103B Datasheet(PDF) 5 Page - Integrated Technology Future

Part # 243103B
Description  SAW Bandpass Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

243103B Datasheet(HTML) 5 Page - Integrated Technology Future

  243103B Datasheet HTML 1Page - Integrated Technology Future 243103B Datasheet HTML 2Page - Integrated Technology Future 243103B Datasheet HTML 3Page - Integrated Technology Future 243103B Datasheet HTML 4Page - Integrated Technology Future 243103B Datasheet HTML 5Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SAW Bandpass Filter 243103B
Part No.
243103B
CH1 S21
CH1 S21
LOG
10 dB/
REF -25.36 dB
CENTER 93. 750 000 MHz
SPAN 90. 000 000 MHz
*
Cor
Hld
17 Sep 2007 18:33:25
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
BW:
35. 703905 MHz
cent :
93. 730754 MHz
Q: 2. 6252
1_loss : -25 . 360 dB
Rev. Date
2007-11-14
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NM7035-CS01
5/5
LOG
1 dB/
REF -25.08 dB
Cor
CH2 S21
EL
100 ns/
REF 1.083 us
CENTER 93. 750 000 MHz
SPAN 36. 000 000 MHz
Cor
Smo
D
17 Sep 2007 18:35:03
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
BW:
31. 839650 MHz
cent :
93. 799016 MHz
Q: 2. 9460
1_loss : -25 . 374 dB
2
3
3: 9. 9608 ns
29. 600 000 MHz
REF=2
CH2 Markers
mean: 1. 0948 us
s. dev : 3. 8815 ns
p-p : 17. 420 ns
CH1
S21
LOG
10 dB/
REF -23.98 dB
START
. 010 000 MHz
STOP 300 . 000 000 MHz
19 Mar 2007 17:36:56
1
2
3
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
2: -55 . 999 dB
93. 7500 MHz
3: -41 . 444 dB
187 . 500 MHz
CH1
S11
SWR
20 /
REF 8.51
Cor
CH2
S22
SWR
20 /
REF 5.799
CENTER 93. 750 000 MHz
SPAN 90. 000 000 MHz
Cor
19 Mar 2007 17:36:27
1
1: 8. 4702
93. 750 000 MHz
2
2: 5. 7856
93. 750 000 MHz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com