Electronic Components Datasheet Search
  English  ▼

X  

222003B Datasheet(PDF) 5 Page - Integrated Technology Future

Part # 222003B
Description  SAW Bandpass Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

222003B Datasheet(HTML) 5 Page - Integrated Technology Future

  222003B Datasheet HTML 1Page - Integrated Technology Future 222003B Datasheet HTML 2Page - Integrated Technology Future 222003B Datasheet HTML 3Page - Integrated Technology Future 222003B Datasheet HTML 4Page - Integrated Technology Future 222003B Datasheet HTML 5Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SAW Bandpass Filter 222003B
Part No.
222003B
CH1
S21
LOG
1 dB/
REF -21.79 dB
CENTER
60. 000 000 MHz
SPAN
23. 000 000 MHz
Cor
CH2
S21
LOG
1 dB/
REF -22.3 dB
Cor
16 Jul 2007 18:50:45
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
BW:
19. 551555
MHz
cent :
59. 983719
MHz
Q: 3. 0680
1_loss : -22 . 200 dB
2
3
3: - . 06800 dB
18. 640 000 MHz
REF=2
CH2 Markers
mean : -22 . 065 dB
s. dev : . 11140
dB
p-p : . 50890
dB
CH1
S11
LOG
5 dB/
REF -5.029 dB
Cor
CH2
S22
LOG
5 dB/
REF -3.445 dB
CENTER
60. 000 000 MHz
SPAN
57. 000 000 MHz
Cor
16 Jul 2007 18:54:13
1
1: -5 . 0209 dB
60. 000 000 MHz
2
2: -3 . 4474 dB
60. 000 000 MHz
CH1
S21
LOG
10 dB/
REF -21.12 dB
START
. 010 000 MHz
STOP 200 . 000 000 MHz
16 Jul 2007 18:56:14
1
2
3
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
2: -70 . 000 dB
60. 0000 MHz
3: -41 . 465 dB
120 . 000 MHz
CH1
S11
SWR
20 /
REF 3.553
Cor
CH2
S22
SWR
20 /
REF 5.108
CENTER
60. 000 000 MHz
SPAN
57. 000 000 MHz
Cor
16 Jul 2007 18:54:40
1
1: 3. 5549
60. 000 000 MHz
2
2: 5. 1101
60. 000 000 MHz
Rev. Date
2007-09-29
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NM7044-CS01
5/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com