Electronic Components Datasheet Search
  English  ▼

X  

221908B Datasheet(PDF) 5 Page - Integrated Technology Future

Part # 221908B
Description  SAW Bandpass Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

221908B Datasheet(HTML) 5 Page - Integrated Technology Future

  221908B Datasheet HTML 1Page - Integrated Technology Future 221908B Datasheet HTML 2Page - Integrated Technology Future 221908B Datasheet HTML 3Page - Integrated Technology Future 221908B Datasheet HTML 4Page - Integrated Technology Future 221908B Datasheet HTML 5Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SAW Bandpass Filter 221908B
Part No.
221908B
Rev. Date
2008-8-28
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NM8020-CS01
5/5
CH1
S21
LOG
1 dB/
REF -25 dB
Cor
CH2
S21
LOG
1 dB/
REF -25.46 dB
CENTER 60. 000 000 MHz
SPAN 24. 000 000 MHz
Cor
19 Jun 2008 12:37:37
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
BW:
19. 225434 MHz
cent :
60. 031517 MHz
Q: 3. 1225
1_loss : -25 . 285 dB
2
3
3: . 35660 dB
18. 750 000 MHz
REF=2
CH2 Markers
mean: -25 . 229 dB
s. dev : . 11360 dB
p-p : . 53930 dB
CH1
S21
LOG
10 dB/
REF -25.47 dB
CENTER 60. 000 000 MHz
SPAN 55. 000 000 MHz
Cor
Hld
23 Jun 2008 11:56:49
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
BW:
20. 879288 MHz
cent :
60. 023827 MHz
Q: 2. 8748
1_loss : -25 . 437 dB
CH1
S11
SWR
10 /
REF 5.472
CENTER 60. 000 000 MHz
SPAN 55. 000 000 MHz
Cor
CH2
S22
SWR
10 /
REF 6.204
Cor
19 Jun 2008 12:39:28
1
1: 5. 4832
60. 000 000 MHz
2
2: 6. 2019
60. 000 000 MHz
CH1
S21
LOG
10 dB/
REF -24.39 dB
START
. 010 000 MHz
STOP 200 . 000 000 MHz
19 Jun 2008 12:40:22
1
2
3
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
2: -84 . 847 dB
60. 0000 MHz
3: -65 . 670 dB
120 . 000 MHz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com