Electronic Components Datasheet Search
  English  ▼

X  

252004B Datasheet(PDF) 5 Page - Integrated Technology Future

Part # 252004B
Description  SAW Bandpass Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

252004B Datasheet(HTML) 5 Page - Integrated Technology Future

  252004B Datasheet HTML 1Page - Integrated Technology Future 252004B Datasheet HTML 2Page - Integrated Technology Future 252004B Datasheet HTML 3Page - Integrated Technology Future 252004B Datasheet HTML 4Page - Integrated Technology Future 252004B Datasheet HTML 5Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SAW Bandpass Filter 252004B
Part No.
252004B
Rev. Date
2009-04-13
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NM9024-CS01
5/5
CH1 S21
LOG
10 dB/ REF -27.97 dB
CENTER119. 900 000 MHz
SPAN 58. 000 000 MHz
*
Cor
Hld
31 Mar 2009 04:43:04
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1Markers
BW
:
22. 053621 MHz
cent : 119. 908212 MHz
Q: 5. 4371
1_loss : -28 . 125 dB
CH1 S21
LOG
1 dB/ REF -28.02 dB
Cor
CH2 S21
DEL
50 ns/
REF 2.825 us
CENTER119. 900 000 MHz
SPAN 24. 000 000 MHz
Cor
Smo
31 Mar 2009 04:43:51
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1Markers
BW
:
20. 418607 MHz
cent : 119. 936244 MHz
Q: 5. 8739
1_loss : -28 . 066 dB
2
3
3: 5. 4042 ns
19. 500 000 MHz
REF=2
CH2Markers
mean: 2. 8347 us
s. dev : 4. 5471 ns
p-p : 22. 888 ns
CH1 S21
LOG
10 dB/ REF -27.47 dB
START . 010 000 MHz
STOP 400. 000 000 MHz
31 Mar 2009 04:44:53
1
2
3
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1Markers
2:-66 . 700 dB
119. 900 MHz
3:-64 . 750 dB
239. 800 MHz
CH1 S11
SWR
5 /
REF 3.006
Cor
CH2 S22
SWR
5 /
REF 3.346
CENTER119. 900 000 MHz
SPAN 58. 000 000 MHz
Cor
31 Mar 2009 04:44:22
1
1: 3. 0067
119. 900 000 MHz
2
2: 3. 3517
119. 900 000 MHz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com