Electronic Components Datasheet Search
  English  ▼

X  

F4552 Datasheet(PDF) 5 Page - Integrated Technology Future

Part # F4552
Description  SAW Bandpass Filter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

F4552 Datasheet(HTML) 5 Page - Integrated Technology Future

  F4552 Datasheet HTML 1Page - Integrated Technology Future F4552 Datasheet HTML 2Page - Integrated Technology Future F4552 Datasheet HTML 3Page - Integrated Technology Future F4552 Datasheet HTML 4Page - Integrated Technology Future F4552 Datasheet HTML 5Page - Integrated Technology Future F4552 Datasheet HTML 6Page - Integrated Technology Future F4552 Datasheet HTML 7Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SAW Bandpass Filter F4552
Input / Output VSWR Charts
CH2
S 22
SWR
REF 1
1 /
CH2 CENTER 455.000 000 MHz
SPAN 30.000 000 MHz
Cor
PRm
18 Sep 2003 10:38:52
1
2
3
4
5
5_: 1.1391
455.000 000 MHz
1_: 1.2279
452.5 MHz
2_: 1.3604
457.5 MHz
3_: 27.622
462.5 MHz
4_: 29.499
467.5 MHz
CH2
S 11
SWR
REF 1
1 /
CH2 CENTER 455.000 000 MHz
SPAN 30.000 000 MHz
Cor
PRm
18 Sep 2003 10:38:38
1
2
3
4
5
5_: 1.2037
455.000 000 MHz
1_: 1.2177
452.5 MHz
2_: 1.2213
457.5 MHz
3_: 27.374
462.5 MHz
4_: 32.684
467.5 MHz
Input / Output Smith Charts
CH1
S 11
1 U FS
CH1 CENTER 455.000 000 MHz
SPAN 100.000 000 MHz
Cor
PRm
18 Sep 2003 10:37:06
1
2
3
4
5
5_: 48.574
-9.2949
37.633 pF
455.000 000 MHz
1_: 42.076
-4.5508
452.5 MHz
2_: 58.033
7.916
457.5 MHz
3_: 7.207
-99.797
462.5 MHz
4_: 2.375
-55.975
467.5 MHz
CH1
S 22
1 U FS
CH1 CENTER 455.000 000 MHz
SPAN 100.000 000 MHz
Cor
PRm
18 Sep 2003 10:37:19
1
2
3
4
5
5_: 50.613
-6.7285
51.986 pF
455.000 000 MHz
1_: 41.814
-5.293
452.5 MHz
2_: 68.082
0.8203
457.5 MHz
3_: 7.5391
-94.848
462.5 MHz
4_: 3.2441
-54.301
467.5 MHz
Part No.
F4552
Rev. Date
2006-06-08
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NR3013-AS04
5/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com