Electronic Components Datasheet Search
  English  ▼

X  

F9421 Datasheet(PDF) 4 Page - Integrated Technology Future

Part # F9421
Description  SAW Bandpass Filter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

F9421 Datasheet(HTML) 4 Page - Integrated Technology Future

  F9421 Datasheet HTML 1Page - Integrated Technology Future F9421 Datasheet HTML 2Page - Integrated Technology Future F9421 Datasheet HTML 3Page - Integrated Technology Future F9421 Datasheet HTML 4Page - Integrated Technology Future F9421 Datasheet HTML 5Page - Integrated Technology Future F9421 Datasheet HTML 6Page - Integrated Technology Future F9421 Datasheet HTML 7Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SAW Bandpass Filter F9421
Part No.
F9421
Rev. Date
2005-12-08
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NR4009-AS01
4/7
CH1
S21
LOG
10 dB/
REF 0 dB
START
. 010 000 MHz
STOP 3 000 . 000 000 MHz
Cor
30 Aug 2004 15:44:45
1
23
4
4: -24 . 906 dB
986 . 380 000 MHz
CH1 Markers
1: -34 . 837 dB
898 . 500 MHz
2: -3 . 3883 dB
927 . 500 MHz
3: -3 . 3299 dB
957 . 500 MHz
CH1
S21
LOG
10 dB/
REF 0 dB
Cor
CH2
S21
LOG
1 dB/
REF 0 dB
CENTER 942 . 500 000 MHz
SPAN 400 . 000 000 MHz
Cor
30 Aug 2004 15:39:56
1
2
3
4
4: -25 . 995 dB
986 . 380 000 MHz
CH1 Markers
1: -34 . 984 dB
898 . 500 MHz
2: -3 . 2367 dB
927 . 500 MHz
3: -3 . 1714 dB
957 . 500 MHz
2
3
3: . 06520
dB
30 . 000 000 MHz
REF=2
CH2 Markers
mean : -2 . 9122 dB
s. dev : . 15800
dB
p-p : . 57270
dB
Typical Performance ( at 25℃ )



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com