Electronic Components Datasheet Search
  English  ▼

X  

F4912 Datasheet(PDF) 5 Page - Integrated Technology Future

Part # F4912
Description  SAW Bandpass Filter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

F4912 Datasheet(HTML) 5 Page - Integrated Technology Future

  F4912 Datasheet HTML 1Page - Integrated Technology Future F4912 Datasheet HTML 2Page - Integrated Technology Future F4912 Datasheet HTML 3Page - Integrated Technology Future F4912 Datasheet HTML 4Page - Integrated Technology Future F4912 Datasheet HTML 5Page - Integrated Technology Future F4912 Datasheet HTML 6Page - Integrated Technology Future F4912 Datasheet HTML 7Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SAW Bandpass Filter F4912
Part No.
F4912
Input / Output VSWR Charts
Rev. Date
2006-06-08
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NR4014-AS02
5/7
CH1
S11
SWR
1 /
REF 1
CENTER
491 . 500
000
MHz
SPAN
100 . 000
000
MHz
1 Sep 2004 16:45:50
Cor
1
2
3
4
5
5 : 1 . 1159
491 . 500
000
MHz
CH1
Markers
1 : 15 . 138
479 . 000
MHz
2 : 15 . 361
484 . 000
MHz
3 : 1 . 2600
489 . 000
MHz
4 : 1 . 1804
494 . 000
MHz
CH1
S22
SWR
1 /
REF 1
CENTER
491 . 500
000
MHz
SPAN
100 . 000
000
MHz
Cor
1 Sep 2004 16:46:08
1
2
3
4
5
5 : 1 . 2003
491 . 500
000
MHz
CH1
Markers
1 : 16 . 287
479 . 000
MHz
2 : 17 . 477
484 . 000
MHz
3 : 1 . 2785
489 . 000
MHz
4 : 1 . 3049
494 . 000
MHz
Input / Output Smith Charts
CH1
S11
1 U FS
CENTER
491 . 500
000
MHz
SPAN
100 . 000
000
MHz
1 Sep 2004 16:45:43
Cor
1
2
3
4
5
5 : 46 . 041
-3 . 5820
90 . 400
pF
491 . 500
000
MHz
CH1
Markers
1 : 3 . 2856
-714
. 11
m
479 . 000
MHz
2 : 3 . 8301
21 . 347
484 . 000
MHz
3 : 48 . 975
11 . 350
489 . 000
MHz
4 : 55 . 170
6 . 8359
494 . 000
MHz
CH1
S22
1 U FS
CENTER
491 . 500
000
MHz
SPAN
100 . 000
000
MHz
Cor
1 Sep 2004 16:46:00
1
2
3
4
5
5 : 43 . 475
5 . 4375
1 . 7607
nH
491 . 500
000
MHz
CH1
Markers
1 : 3 . 0697
-1 . 1935
479 . 000
MHz
2 : 3 . 1660
16 . 037
484 . 000
MHz
3 : 48 . 318
11 . 994
489 . 000
MHz
4 : 60 . 725
10 . 098
494 . 000
MHz



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com