Electronic Components Datasheet Search
  English  ▼

X  

F4553 Datasheet(PDF) 5 Page - Integrated Technology Future

Part # F4553
Description  SAW Bandpass Filter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

F4553 Datasheet(HTML) 5 Page - Integrated Technology Future

  F4553 Datasheet HTML 1Page - Integrated Technology Future F4553 Datasheet HTML 2Page - Integrated Technology Future F4553 Datasheet HTML 3Page - Integrated Technology Future F4553 Datasheet HTML 4Page - Integrated Technology Future F4553 Datasheet HTML 5Page - Integrated Technology Future F4553 Datasheet HTML 6Page - Integrated Technology Future F4553 Datasheet HTML 7Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SAW Bandpass Filter F4553
Part No.
F4553
Input / Output VSWR Charts
CH1
S22
SWR
1 /
REF 1
CENTER 455 . 000 000 MHz
SPAN 100 . 000 000 MHz
Cor
16 Aug 2004 18:55:36
1
2
3
4
5
5: 1. 3773
455 . 000 000 MHz
CH1 Markers
1: 1. 0884
452 . 500 MHz
2: 1. 2958
457 . 500 MHz
3: 21. 827
462 . 500 MHz
4: 19. 064
467 . 500 MHz
Rev. Date
2006-06-08
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NR5008-AS02
5/7
CH1
S22
1 U FS
CENTER 455 . 000 000 MHz
SPAN 100 . 000 000 MHz
Cor
16 Aug 2004 18:55:13
1
2
3
4
5
5: 65. 055
-10 . 469
33. 413 pF
455 . 000 000 MHz
CH1 Markers
1: 53. 717
-2 . 3184
452 . 500 MHz
2: 64. 723
1. 2188
457 . 500 MHz
3: 20. 953
-141 . 16
462 . 500 MHz
4: 8. 5820
-74 . 793
467 . 500 MHz
CH1
S11
1 U FS
CENTER 455 . 000 000 MHz
SPAN 100 . 000 000 MHz
Cor
16 Aug 2004 18:55:02
1
2
3
4
5
5: 61. 715
-14 . 334
24. 403 pF
455 . 000 000 MHz
CH1 Markers
1: 53. 639
-3 . 1133
452 . 500 MHz
2: 57. 715
2. 0781
457 . 500 MHz
3: 20. 914
-141 . 80
462 . 500 MHz
4: 8. 4180
-73 . 789
467 . 500 MHz
CH1
S11
SWR
1 /
REF 1
CENTER 455 . 000 000 MHz
SPAN 100 . 000 000 MHz
Cor
16 Aug 2004 18:55:26
3
4
1
2
5
5: 1. 3936
455 . 000 000 MHz
CH1 Markers
1: 1. 0971
452 . 500 MHz
2: 1. 1598
457 . 500 MHz
3: 21. 987
462 . 500 MHz
4: 19. 140
467 . 500 MHz
Input / Output Smith Charts



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com