Electronic Components Datasheet Search
  English  ▼

X  

F3154 Datasheet(PDF) 3 Page - Integrated Technology Future

Part # F3154
Description  SAW Bandpass Filter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

F3154 Datasheet(HTML) 3 Page - Integrated Technology Future

  F3154 Datasheet HTML 1Page - Integrated Technology Future F3154 Datasheet HTML 2Page - Integrated Technology Future F3154 Datasheet HTML 3Page - Integrated Technology Future F3154 Datasheet HTML 4Page - Integrated Technology Future F3154 Datasheet HTML 5Page - Integrated Technology Future F3154 Datasheet HTML 6Page - Integrated Technology Future F3154 Datasheet HTML 7Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SAW Bandpass Filter F3154
Part No.
F3154
Matching Schematic
( Actual matching values may vary due to PCB layout and parasitics )
Input
50Ω
Output
50Ω
Marking Configuration
ITF
1)
3154
2)
1) Manufacturer name
2) Marking Number
* Ink or Laser Marking available
Rev. Date
2004-04-12
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NS3001-AS01
3/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com