Electronic Components Datasheet Search
  English  ▼

X  

R43392 Datasheet(PDF) 4 Page - Integrated Technology Future

Part # R43392
Description  SAW Resonator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

R43392 Datasheet(HTML) 4 Page - Integrated Technology Future

  R43392 Datasheet HTML 1Page - Integrated Technology Future R43392 Datasheet HTML 2Page - Integrated Technology Future R43392 Datasheet HTML 3Page - Integrated Technology Future R43392 Datasheet HTML 4Page - Integrated Technology Future R43392 Datasheet HTML 5Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SAW Resonator R43392
G
Part No.
R43392
Rev. Date
2004-09-14
G
I T F Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809G
Rev.
NS4101-AS01
[V\
G
G
Packing Specification
1. Reeling Quantity : 1000 pcs / reel
YU
Taping Structure : The tape shall be wound around the reel in the direction shown below.G
G
G
G
G
G
G
G
G
G
G
G
Tape Specification
1. Leader part and vacant position specificationG
G
G
G
G
G
G
G
G
G
2. Tensile strength of carrier tape
4.4N/mm width
3. Top cover tape adhesion
1) pull off angle : 0~15¶
2) speed : 300mm/min
ZP
force : 20~70gG
ylls
ylls
ylls
ylls
{vwGjv}lyG{hwl
{vwGjv}lyG{hwl
{vwGjv}lyG{hwl
{vwGjv}lyG{hwl
jhyyplyG{hwl
jhyyplyG{hwl
jhyyplyG{hwl
jhyyplyG{hwl
luk
luk
luk
luk
z{hy{
z{hy{
z{hy{
z{hy{
{ˆ—ŒGyœ•••ŽGk™ŒŠ›–•
}ˆŠˆ•›
X\W””G”•U
j–”—–•Œ•›
Š–•›ˆ•Œ‹
}ˆŠˆ•›
X\W””G”•U
sŒˆ‹Œ™G—ˆ™›
Y\W””G”•U
W¥X\G‹ŒŽ™ŒŒ
{–—GŠ–Œ™G›ˆ—Œ
k™ŒŠ›–•G–G—œ““
jˆ™™Œ™G›ˆ—Œ



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com