Electronic Components Datasheet Search
  English  ▼

X  

F3152 Datasheet(PDF) 1 Page - Integrated Technology Future

Part # F3152
Description  SAW Bandpass Filter 315.0MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

F3152 Datasheet(HTML) 1 Page - Integrated Technology Future

  F3152 Datasheet HTML 1Page - Integrated Technology Future F3152 Datasheet HTML 2Page - Integrated Technology Future F3152 Datasheet HTML 3Page - Integrated Technology Future F3152 Datasheet HTML 4Page - Integrated Technology Future F3152 Datasheet HTML 5Page - Integrated Technology Future F3152 Datasheet HTML 6Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SAW Bandpass Filter 315.0MHz
Part No.
F3152
Features
RF bandpass filter
Single-ended operation
Ceramic Surface Mounted Device Package ( 5.0 mm × 5.0 mm )
1.2±0.15
5.00±0.15
1
4
3
8
8
77
6
3
2
1
6
5
5
4
2
Package Dimensions
ITF
3152
Pin Configurations
2
Input
6
Output
1, 3, 4, 5, 7, 8
Ground
Dimensions shown are nominal in millimeters
Body : Al2O3 Ceramic
Lid : Kovar, Ni Plated
Terminations : Au plating 0.3 ~ 1.0 um, Over a 1.27 ~ 8.89 um
Ni Plating
Maximum Ratings
Parameters
Unit
Minimum
Typical
Maximum
Operating Temperature Range
°C
-30
25
85
Storage Temperature Range
°C
-40
-
85
Power Handling Capability
dBm
-
-
10
Electrostatics Sensitive Device (ESD)
Rev. Date
2005-11-08
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NS5008-PS01
1/6


Similar Part No. - F3152

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F315 FOX-F315 Datasheet
206Kb / 2P
HCMOS 3.2x2.5mm 1.8V SMD Oscillator
F315 FOX-F315 Datasheet
431Kb / 2P
HCMOS 3.2x2.5mm 1.8V SMD Oscillator
F315 FOX-F315 Datasheet
431Kb / 2P
HCMOS 3.2x2.5mm 1.8V SMD Oscillator
F315 FOX-F315 Datasheet
431Kb / 2P
HCMOS 3.2x2.5mm 1.8V SMD Oscillator
F315 FOX-F315 Datasheet
431Kb / 2P
HCMOS 3.2x2.5mm 1.8V SMD Oscillator
More results

Similar Description - F3152

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMXS142 ETC-TMXS142 Datasheet
255Kb / 5P
SAW BANDPASS FILTER
logo
Abracon Corporation
AFS315.0W01-TS3 ABRACON-AFS315.0W01-TS3 Datasheet
1Mb / 3P
AFS315.0W01-TS3 SMD 315.0MHz SAW Filter
08.11.11
logo
Golledge Electronics Lt...
MA09382 GOLLEDGE-MA09382 Datasheet
141Kb / 4P
315.0MHz SAW Filter
MA09065 GOLLEDGE-MA09065 Datasheet
196Kb / 5P
SAW Filter: 315.0MHz
MP03963 GOLLEDGE-MP03963 Datasheet
83Kb / 5P
SAW Filter 315.0MHz
MP07597 GOLLEDGE-MP07597 Datasheet
260Kb / 5P
SAW Filter 315.0MHz
MP07512 GOLLEDGE-MP07512 Datasheet
227Kb / 6P
SAW Filter 315.0MHz
MP06999 GOLLEDGE-MP06999 Datasheet
303Kb / 6P
SAW Resonator: 315.0MHz
MA07075 GOLLEDGE-MA07075 Datasheet
79Kb / 4P
SAW Resonator 315.0MHz
MP05119 GOLLEDGE-MP05119 Datasheet
182Kb / 5P
SAW Resonator 315.0MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com