Electronic Components Datasheet Search
  English  ▼

X  

F4347 Datasheet(PDF) 1 Page - Integrated Technology Future

Part # F4347
Description  SAW Bandpass Filter 433.92MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

F4347 Datasheet(HTML) 1 Page - Integrated Technology Future

  F4347 Datasheet HTML 1Page - Integrated Technology Future F4347 Datasheet HTML 2Page - Integrated Technology Future F4347 Datasheet HTML 3Page - Integrated Technology Future F4347 Datasheet HTML 4Page - Integrated Technology Future F4347 Datasheet HTML 5Page - Integrated Technology Future F4347 Datasheet HTML 6Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SAW Bandpass Filter 433.92MHz
Part No.
F4347
Features
RF bandpass filter
Single-ended operation
Ceramic Surface Mounted Device Package ( 5.0 mm × 5.0 mm )
1.2±0.15
5.00±0.15
1
4
3
8
8
77
6
3
2
1
6
5
5
4
2
Package Dimensions
ITF
4347
Pin Configurations
2
Input
6
Output
1, 3, 4, 5, 7, 8
Ground
Dimensions shown are nominal in millimeters
Body : Al2O3 Ceramic
Lid : Kovar, Ni Plated
Terminations : Au plating 0.3 ~ 1.0 um, Over a 1.27 ~ 8.89 um
Ni Plating
Maximum Ratings
Parameters
Unit
Minimum
Typical
Maximum
Operating Temperature Range
°C
-30
25
85
Storage Temperature Range
°C
-40
-
85
Power Handling Capability
dBm
-
-
10
Electrostatics Sensitive Device (ESD)
Rev. Date
2005-11-08
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NS5009-PS01
1/6


Similar Part No. - F4347

ManufacturerPart #DatasheetDescription
logo
Littelfuse
F434 LITTELFUSE-F434 Datasheet
94Kb / 1P
3AG Slo-Blo Fuse 313/315 Series
F434-ND LITTELFUSE-F434-ND Datasheet
94Kb / 1P
3AG Slo-Blo Fuse 313/315 Series
logo
Integrated Technology F...
F4346 ITF-F4346 Datasheet
321Kb / 7P
SAW Bandpass Filter
2004-10-25
F4348 ITF-F4348 Datasheet
136Kb / 6P
SAW Bandpass Filter
2009-07-20
More results

Similar Description - F4347

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0264A TAI-SAW-TA0264A Datasheet
481Kb / 5P
SAW Filter 433.92MHz SMD5X5mm
TA0307A TAI-SAW-TA0307A Datasheet
482Kb / 5P
SAW Filter 433.92MHz SMD5X5mm
TA1783A TAI-SAW-TA1783A Datasheet
390Kb / 7P
SAW Filter 433.92MHz
TA1784A TAI-SAW-TA1784A Datasheet
304Kb / 7P
SAW Filter 433.92MHz
TA1884B TAI-SAW-TA1884B Datasheet
271Kb / 7P
SAW Filter 433.92MHz
logo
Golledge Electronics Lt...
MA04316 GOLLEDGE-MA04316 Datasheet
124Kb / 4P
SAW Filter 433.92MHz
MA05276 GOLLEDGE-MA05276 Datasheet
292Kb / 4P
SAW Filter 433.92MHz
MA05781 GOLLEDGE-MA05781 Datasheet
217Kb / 4P
SAW Filter 433.92MHz
MP03049 GOLLEDGE-MP03049 Datasheet
136Kb / 4P
SAW Filter 433.92MHz
MP03125 GOLLEDGE-MP03125 Datasheet
204Kb / 6P
SAW Filter 433.92MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com