Electronic Components Datasheet Search
  English  ▼

X  

250453B Datasheet(PDF) 1 Page - Integrated Technology Future

Part # 250453B
Description  SAW Bandpass Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

250453B Datasheet(HTML) 1 Page - Integrated Technology Future

  250453B Datasheet HTML 1Page - Integrated Technology Future 250453B Datasheet HTML 2Page - Integrated Technology Future 250453B Datasheet HTML 3Page - Integrated Technology Future 250453B Datasheet HTML 4Page - Integrated Technology Future 250453B Datasheet HTML 5Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SAW Bandpass Filter 250453B
Part No.
250453B
1. Features
IF Bandpass Filter
High Attenuation
Single-Ended Operation
DIP Package
Maximum Storage Temperature Range : -40
~ 85
℃℃
Electrostatics Sensitive Device (ESD)
2. Package Dimension
7.6±0.2
6.0max
5.5max
12.8±0.5
Package : D3512
Pin Configuration
1
Input
5
Output
2, 4
Ground
3, 6
Case ground
Dimensions shown are nominal in millimeters
Base : Fe(SPCC), Au plating over Ni plated
Cap : Cu & Cr Alloy, Ni Plated
Termination : Kovar, Au Plated
Rev. Date
2006-12-12
I T F
Co., Ltd.
102-901, Bucheon Technopark 364, Samjeong-
Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NW6009-CS01
1/5


Similar Part No. - 250453B

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
250451B ITF-250451B Datasheet
207Kb / 5P
SAW Bandpass Filter
2005-10-19
250456B ITF-250456B Datasheet
207Kb / 5P
SAW Bandpass Filter
2008-05-27
250457B ITF-250457B Datasheet
196Kb / 5P
Bandpass Filter
2008-11-18
250459B ITF-250459B Datasheet
180Kb / 2P
175.0 MHz SAW Filter
Rev 1.0 2011. 04. 21
logo
YEONHO ELECTRONICS
25045HP YEONHO-25045HP Datasheet
240Kb / 1P
2.50mm PITCH CONNECTOR
More results

Similar Description - 250453B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMXS142 ETC-TMXS142 Datasheet
255Kb / 5P
SAW BANDPASS FILTER
logo
Integrated Technology F...
234351B ITF-234351B Datasheet
213Kb / 5P
SAW Bandpass Filter
2004-11-20
271101B ITF-271101B Datasheet
207Kb / 5P
SAW Bandpass Filter
2004-10-22
F2G12 ITF-F2G12 Datasheet
334Kb / 7P
SAW Bandpass Filter
2007-01-24
logo
Advanced Crystal Techno...
ACTF9357 ACT-ACTF9357 Datasheet
341Kb / 7P
SAW BANDPASS FILTER
ACTF9210 ACT-ACTF9210 Datasheet
494Kb / 7P
SAW BANDPASS FILTER
ACTF8042 ACT-ACTF8042 Datasheet
294Kb / 3P
SAW BANDPASS FILTER
ACTF4039 ACT-ACTF4039 Datasheet
196Kb / 2P
SAW BANDPASS FILTER
ACTF8058 ACT-ACTF8058 Datasheet
320Kb / 3P
SAW BANDPASS FILTER
ACTF2102 ACT-ACTF2102 Datasheet
761Kb / 4P
SAW BANDPASS FILTER
13-7-2011
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com