Electronic Components Datasheet Search
  English  ▼

X  

MBRD340 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MBRD340
Description  SWITCHMODE??Power Rectifirers DPAK Surface Mount Package
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MBRD340 Datasheet(HTML) 2 Page - Motorola, Inc

  MBRD340 Datasheet HTML 1Page - Motorola, Inc MBRD340 Datasheet HTML 2Page - Motorola, Inc MBRD340 Datasheet HTML 3Page - Motorola, Inc MBRD340 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MBRD320 MBRD330 MBRD340 MBRD350 MBRD360
2
Rectifier Device Data
ELECTRICAL CHARACTERISTICS
Maximum Instantaneous Forward Voltage (2)
iF = 3 Amps, TC = +25°C
iF = 3 Amps, TC = +125°C
iF = 6 Amps, TC = +25°C
iF = 6 Amps, TC = +125°C
VF
0.6
0.45
0.7
0.625
Volts
Maximum Instantaneous Reverse Current (2)
(Rated dc Voltage, TC = +25°C)
(Rated dc Voltage, TC = +125°C)
iR
0.2
20
mA
(2) Pulse Test: Pulse Width = 300
µs, Duty Cycle ≤ 2.0%.
TYPICAL CHARACTERISTICS
Figure 1. Typical Forward Voltage
Figure 2. Typical Reverse Current
Figure 3. Average Power Dissipation
0.7
1.0
0.1
vF, INSTANTANEOUS VOLTAGE (VOLTS)
100
10
VR, REVERSE VOLTAGE (VOLTS)
40
70
0
20
0.1
0.04
0.001
IF(AV), AVERAGE FORWARD CURRENT (AMPS)
1.0
0
10
8.0
6.0
4.0
2.0
0
2.0
1.0
0.4
0.2
0.3
0.5
0.6
0.8
0.9
50
60
10
20
30
10
40
100
3.0
4.0
5.0
6.0
7.0
10
0.1
1.1
8.0
9.0
9.0
7.0
5.0
3.0
1.0
0.2
0.4
1.0
0.02
0.01
0.004
0.002
TJ = 25°C
150
°C
125
°C
75
°C
TJ = 150°C
IPK/IAV = 20
SINE
WAVE
SQUARE
WAVE
dc
10
5
TJ = 150°C
*The curves shown are typical for the highest voltage device in the
voltage grouping. Typical reverse current for lower voltage selections
can be estimated from these curves if VR is sufficient below rated VR.
125
°C
4.0
2.0
100
°C
75
°C
25
°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com