Electronic Components Datasheet Search
  English  ▼

X  

SA276 Datasheet(PDF) 2 Page - Silan Microelectronics Joint-stock

Part # SA276
Description  BRUSHLESS DCFAN DRIVER WITH ONCHIP HALL SENSOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SA276 Datasheet(HTML) 2 Page - Silan Microelectronics Joint-stock

  SA276 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SA276 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SA276 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SA276 Datasheet HTML 4Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SA276
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV: 1.2
2008.09.27
Http: www.silan.com.cn
Page 2 of 5
Characteristics
Symbol
Value
Unit
Maximum Junction Temp
Tj
170
°C
Storage Temperature Range
Tstg
-55~+150
°C
Operating Temperature Range
Tamb
-25~+85
°C
Package Power Dissipation(Tamb
≤85°C)
Ptot
500
mW
Maximum Jointing Temp t
≤10s
Tsd
260
°C
ELECTRICAL CHARACTERISTICS (Tamb=25°C, VCC=4.0V to 20V)
Characteristics
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Supply Voltage
Vcc
3.5
25
V
Supply Current
Icc
VCC=20V, RL
16
25
mA
Low Supply Voltage
Vce
VCC=3.5V, IL=100mA
0.4
V
Output Saturation Voltage
Vce(sat)
VCC=12V, IL=300mA
0.3
0.5
V
Output Leakage Current
Icex
VCE=12V, VCC=12V
<0.1
10
µA
Output Rise Time
tr
VCC=12V, RL=820
Ω,CL=20pF
3.0
10
µs
Output Falling Time
tf
VCC=12V, RL=820
Ω,CL=20pF
0.4
2
µs
Switch Time Differential
∆t
VCC=14V, RL=820
Ω,CL=20pF
3.0
10
µs
Output Zener Breakdown
Vz
40
V
MAGNETIC CHARACTERISTICS
Characteristics
Symbol
Test circuit
Min.
Typ.
Max.
Unit
SA276-A
0
--
50
SA276-B
0
--
60
SA276-C
--
--
80
Operate Point
SA276-D
Bop
Tamb=-20~+85
°C
--
--
90
G
SA276-A
-50
--
0
SA276-B
-60
--
0
SA276-C
-80
--
--
Release Point
SA276-D
Brp
Tamb=-20~+85
°C
-90
--
--
G
SA276-A
0
--
100
SA276-B
0
--
120
SA276-C
--
--
160
Hysteresis
SA276-D
Bhys
Tamb=-20~+85
°C
--
--
180
G



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com