Electronic Components Datasheet Search
  English  ▼

X  

L9UG22443 Datasheet(PDF) 5 Page - LIGITEK electronics co., ltd.

Part # L9UG22443
Description  SUPER BRIGHT ROUND TYPE LED LAMPS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

L9UG22443 Datasheet(HTML) 5 Page - LIGITEK electronics co., ltd.

  L9UG22443 Datasheet HTML 1Page - LIGITEK electronics co., ltd. L9UG22443 Datasheet HTML 2Page - LIGITEK electronics co., ltd. L9UG22443 Datasheet HTML 3Page - LIGITEK electronics co., ltd. L9UG22443 Datasheet HTML 4Page - LIGITEK electronics co., ltd. L9UG22443 Datasheet HTML 5Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Solder Resistance
Test
This test intended to determine the
thermal characteristic resistance
of the device to sudden exposures
at extreme changes in temperature
when soldering the lead wire.
1.T.Sol=260 ℃±5℃
2.Dwell time= 10 ±1sec.
MIL-STD-202: 210A
MIL-STD-750: 2031
JIS C 7021: A-1
Solderability Test
1.T.Sol=230 ℃±5℃
2.Dwell time=5 ±1sec
This test intended to see soldering well
performed or not.
MIL-STD-202: 208D
MIL-STD-750: 2026
MIL-STD-883: 2003
JIS C 7021: A-2
1.Ta=105 ℃±5℃
2.t=1000 hrs (-24hrs, +72hrs)
1.Ta=-40 ℃±5℃
2.t=1000 hrs (-24hrs, +72hrs)
1.Under Room Temperature
2.If=20mA
3.t=1000 hrs (-24hrs, +72hrs)
1.Ta=105 ℃±5℃&-40℃±5℃
(10min) (10min)
2.total 10 cycles
High Temperature
High Humidity Test
Thermal Shock Test
1.Ta=65℃±5℃
2.RH=90 %~95%
3.t=240hrs ±2hrs
Operating Life Test
High Temperature
Storage Test
Low Temperature
Storage Test
PART NO.
Reliability Test:
Test Item
Test Condition
The purpose of this is the resistance
of the device which is laid under
condition of low temperature for hours.
The purpose of this test is the resistance
of the device under tropical for hous.
The purpose of this is the resistance of
the device to sudden extreme changes
in high and low temperature.
MIL-STD-202: 107D
MIL-STD-750: 1051
MIL-STD-883: 1011
MIL-STD-202:103B
JIS C 7021: B-11
The purpose of this is the resistance of
the device which is laid under ondition
of high temperature for hours.
This test is conducted for the purpose
of detemining the resisance of a part
in electrical and themal stressed.
MIL-STD-883:1008
JIS C 7021: B-10
JIS C 7021: B-12
MIL-STD-750: 1026
MIL-STD-883: 1005
JIS C 7021: B-1
Page 4/4
Description
Reference
Standard
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
L9UG22443



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com