Electronic Components Datasheet Search
  English  ▼

X  

L9UG22840 Datasheet(PDF) 4 Page - LIGITEK electronics co., ltd.

Part # L9UG22840
Description  TAPE AND BOX TYPE LED LAMPS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

L9UG22840 Datasheet(HTML) 4 Page - LIGITEK electronics co., ltd.

  L9UG22840 Datasheet HTML 1Page - LIGITEK electronics co., ltd. L9UG22840 Datasheet HTML 2Page - LIGITEK electronics co., ltd. L9UG22840 Datasheet HTML 3Page - LIGITEK electronics co., ltd. L9UG22840 Datasheet HTML 4Page - LIGITEK electronics co., ltd. L9UG22840 Datasheet HTML 5Page - LIGITEK electronics co., ltd. L9UG22840 Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PART NO. L9UG22840/S8/TBS-X
Page 3/5
1.0
25.5
0.96
TBS-8
24.5
TBS-9
TBS-11
TBS-12
TBS-10
TBS-13
REMARK:TBS=Tape And Box Straight Leads
Specification
2500PCS
Dimensions Symbol Information
•
Description
Overall Width
Overall Thickness
Overall Length
Quantity/Box
10.4
W
265
H
50
1.97
Symbol
L
minimum
330
mm
13.0
inch
Feed Hole Pitch
Lead Location
Center Of Component Location
Overall Taped Package Thickness
Lead Length After Component Height
Feed Hole To Overall Component Height
Adhesive Tape Width
Adhesive Tape Position
Tape Width
Feed Hole Location
Package Dimensions
•
10.8
275
60
2.4
maxmum
inch
13.4
340
mm
0.49
P
-------
12.4
-------
-------
-------
-------
W2
W3
W1
W0
-------
-------
-------
P2
T
P1
17.5
0
8.5
14.5
0.69
0
0.57
0.33
5.1
-------
4.4
0.2
-------
0.17
-------
-------
H2
L
0.81
20.5
W0
-------
18.0
-------
0.71
18.4
21.0
19.0
0.72
0.83
0.75
0.51
13
0.06
0.3
0.23
0.61
0.16
0.75
0.38
19
4.0
15.5
9.75
7.7
1.42
5.8
0.79
0.87
0.85
0.76
0.43
1.42
0.75
21.5
19.0
36
11
20.0
22.0
19.4
OPTION
CODE
TBS-2
TBS-1
TBS-5
TBS-6
TBS-3
TBS-7
Tape Feed Hole Diameter
Front-To-Rear Deflection
Feed Hole To Bottom Of Component
Component Lead Pitch
Dimension Symbol Information
•
SYMBOL ITEMS
SPECIFICATIONS
0.09
-------
F
2.3
H1
-------
△
H
1.0
25.5
19.9
24.0
22.5
0.78
0.94
0.89
17.5
21.5
-------
0.69
0.85
-------
SYMBOL
-------
D
Minimum
3.8
mm
0.15
inch
0.12
3.0
0.08
0.89
0.73
0.93
0.82
1.04
0.98
26.5
20.9
23.5
25.0
18.5
22.5
2.0
inch
0.17
Maximum
mm
4.2
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com