Electronic Components Datasheet Search
  English  ▼

X  

NP-SAMC Datasheet(PDF) 1 Page - ON Semiconductor

Part # NP-SAMC
Description  50A, Ultra Low Capacitance TSPD
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NP-SAMC Datasheet(HTML) 1 Page - ON Semiconductor

  NP-SAMC Datasheet HTML 1Page - ON Semiconductor NP-SAMC Datasheet HTML 2Page - ON Semiconductor NP-SAMC Datasheet HTML 3Page - ON Semiconductor NP-SAMC Datasheet HTML 4Page - ON Semiconductor NP-SAMC Datasheet HTML 5Page - ON Semiconductor NP-SAMC Datasheet HTML 6Page - ON Semiconductor NP-SAMC Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2009
May, 2009 − Rev. P2
1
Publication Order Number:
NP0640SA/D
NP-SAMC Series
Product Preview
50A, Ultra Low Capacitance
TSPD
The NP−SAMC series of Low Capacitance Thyristor Surge
Protection Devices (TSPD) protect sensitive electronic equipment
from transient overvoltage conditions. Due to their ultra low off−state
capacitance (Co), they offer minimal signal distortion for high speed
equipment such as DSL and T1/E1 circuits. The low nominal offstate
capacitance translates into the extremely low differential capacitance
offering superb linearity with applied voltage or frequency.
The NP−SAMC Series helps designers to comply with the various
regulatory standards and recommendations including:
GR−1089−CORE, IEC 61000−4−5, ITU K.20/K.21/K.45, IEC 60950,
TIA−968−A, FCC Part 68, EN 60950, UL 1950.
Features
• Ultra Low − Micro Capacitance
• Low Leakage (Transparent)
• High Surge Current Capabilities
• Precise Turn on Voltages
• Low Voltage Overshoot
• These are Pb−Free Devices
Typical Applications
• xDSL Central Office and Customer Premise
• T1/E1
• Other Broadband High Speed Data Transmission Equipment
ELECTRICAL CHARACTERISTICS
Device
VDRM
V(BO)
CO, 2 V,
1 MHz
CO, 50 V,
1 MHz
V
V
pF (Max)
pF (Max)
NP0640SAMCT3G
"58
"77
18
8
NP0720SAMCT3G
"65
"88
18
8
NP0900SAMCT3G
"75
"98
18
8
NP1100SAMCT3G
"90
"130
18
8
NP1300SAMCT3G
"120
"160
18
8
NP1500SAMCT3G
"140
"180
18
8
NP1800SAMCT3G
"170
"220
18
8
NP2100SAMCT3G
"180
"240
18
8
NP2300SAMCT3G
"190
"260
18
8
NP2600SAMCT3G
"220
"300
18
8
NP3100SAMCT3G
"275
"350
18
8
NP3500SAMCT3G
"320
"400
18
8
G in part number indicates RoHS compliance
Other protection voltages are available upon request
Symmetrical Protection − Values the same in both negative and positive
excursions
(See V−I Curve on page 3)
This document contains information on a product under development. ON Semiconductor
reserves the right to change or discontinue this product without notice.
ULTRA LOW CAPACITANCE
BIDIRECTIONAL SURFACE
MOUNT THYRISTOR
50A, 10x1000ms SURGE
TR
SMB
JEDEC DO−214AA
CASE 403C
A
= Assembly Location
Y
= Year
WW
= Work Week
xxx
= Specific Device Code
(NPxxx0SAMC)
G
= Pb−Free Package
(Note: Microdot may be in either location)
MARKING DIAGRAM
AYWW
xxxAMG
G
http://onsemi.com
Device
Package
Shipping†
ORDERING INFORMATION
NPxxx0SAMCT3G
SMB
(Pb−Free)
2500 Tape &
Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.


Similar Part No. - NP-SAMC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NP-SDMC ONSEMI-NP-SDMC Datasheet
135Kb / 6P
High Current TSPD
August, 2009 ??Rev. 0
More results

Similar Description - NP-SAMC

ManufacturerPart #DatasheetDescription
logo
Protek Devices
GBLC03 PROTEC-GBLC03_07 Datasheet
71Kb / 3P
ULTRA LOW CAPACITANCE TVS ARRAY
PLC496 PROTEC-PLC496_07 Datasheet
79Kb / 5P
ULTRA LOW CAPACITANCE TVS ARRAY
logo
ON Semiconductor
NP0640SBMCT3G ONSEMI-NP0640SBMCT3G Datasheet
135Kb / 7P
80A, Ultra Low Capacitance TSPD
September, 2008 ??Rev. 1
NP0640SCMCT3G ONSEMI-NP0640SCMCT3G Datasheet
139Kb / 7P
100A, Ultra Low Capacitance TSPD
April, 2009 ??Rev. 3
logo
NXP Semiconductors
PESD5V0L1BSF NXP-PESD5V0L1BSF Datasheet
167Kb / 13P
Ultra low profile bidirectional low capacitance
Rev. 1-18 February 2011
logo
Protek Devices
PDLC05 PROTEC-PDLC05_12 Datasheet
597Kb / 5P
ULTRA LOW CAPACITANCE TVS ARRAY
logo
WILLAS ELECTRONIC CORP
SEDFN05V4 WILLAS-SEDFN05V4 Datasheet
375Kb / 4P
Ultra Low Capacitance TVS Arrays
logo
SeCoS Halbleitertechnol...
SGESD2201-33 SECOS-SGESD2201-33 Datasheet
232Kb / 3P
Ultra Low Capacitance
logo
Yea Shin Technology Co....
YSULCXXDT3 YEASHIN-YSULCXXDT3 Datasheet
188Kb / 3P
ULTRA LOW CAPACITANCE
logo
MORNSUN Science& Techno...
QA2401C-20 MORNSUN-QA2401C-20 Datasheet
1,020Kb / 4P
Ultra low isolation capacitance
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com