Electronic Components Datasheet Search
  English  ▼

X  

SS12T3 Datasheet(PDF) 3 Page - ON Semiconductor

Part # SS12T3
Description  12 V, 1 A, Low VCE(sat) PNP Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SS12T3 Datasheet(HTML) 3 Page - ON Semiconductor

  SS12T3 Datasheet HTML 1Page - ON Semiconductor SS12T3 Datasheet HTML 2Page - ON Semiconductor SS12T3 Datasheet HTML 3Page - ON Semiconductor SS12T3 Datasheet HTML 4Page - ON Semiconductor SS12T3 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NSS12100UW3TCG
http://onsemi.com
3
0.5
0
3.0
0.001
0.3
10
0
IC, COLLECTOR CURRENT (A)
Figure 1. Collector Emitter Saturation Voltage vs.
Collector Current
Figure 2. Collector Emitter Saturation Voltage vs.
Collector Current
1.0
0.001
0.1
1
IC, COLLECTOR CURRENT (A)
0.2
0.01
IC/IB = 100
0.1
0.4
1.5
2.0
2.5
0.5
0.7
0.6
0.8
0.9
IC/IB = 10
VCE(sat) = 150°C
1
0.1
0.01
25
°C
-55
°C
VCE(sat) = -55°C
25
°C
150
°C
1.0
10
1
0.1
0.01
300
200
100
0
0.001
150
°C (5.0 V)
600
0
0.4
0.6
1.0
Figure 3. DC Current Gain vs. Collector
Current
IC, COLLECTOR CURRENT (A)
Figure 4. Base Emitter Saturation Voltage vs.
Collector Current
IC, COLLECTOR CURRENT (A)
Figure 5. Base Emitter Turn-On Voltage vs.
Collector Current
IB, BASE CURRENT (mA)
0.001
0.1
0.01
1
0.4
0
1.4
0.01
10
1
Figure 6. Saturation Region
0
1
0.01
0.001
0.2
0.4
1.0
1.4
0.1
IC, COLLECTOR CURRENT (A)
0.2
0.8
0.6
1.2
1.0
TA = -55°C
25
°C
150
°C
150
°C (2.0 V)
25
°C (5.0 V)
25
°C (2.0 V)
400
500
-55
°C (5.0 V)
-55
°C (2.0 V)
10
10
VCE = -1.0 V
25
°C
150
°C
0.6
0.8
1.2
TA = -55°C
10
0.2
0.8
0.1
100
IC = 500 mA
300 mA
100 mA
10 mA
IC/IB = 10



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com