Electronic Components Datasheet Search
  English  ▼

X  

AP2213 Datasheet(PDF) 15 Page - BCD Semiconductor Manufacturing Limited

Part # AP2213
Description  500mA LOW NOISE LDO REGULATOR
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2213 Datasheet(HTML) 15 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2213 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP2213 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AP2213 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AP2213 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited AP2213 Datasheet HTML 15Page - BCD Semiconductor Manufacturing Limited AP2213 Datasheet HTML 16Page - BCD Semiconductor Manufacturing Limited AP2213 Datasheet HTML 17Page - BCD Semiconductor Manufacturing Limited AP2213 Datasheet HTML 18Page - BCD Semiconductor Manufacturing Limited AP2213 Datasheet HTML 19Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
500mA LOW NOISE LDO REGULATOR
AP2213
Data Sheet
15
Nov. 2009 Rev. 1. 5
BCD Semiconductor Manufacturing Limited
Typical Performance Characteristics (Continued)
Figure 16. Power Dissipation vs. Ambient Temperature
Figure 17. Power Dissipation vs. Ambient Temperature
Figure 18. ESR vs. Output Current
Figure 19. ESR vs. Output Current
0
50
100
150
200
250
300
350
400
450
500
0.01
0.1
1
10
100
1000
Output Current (mA)
C
OUT=1µF
No Bypass Capacitor
Stable Area
0
50
100
150
200
250
300
350
400
450
500
0.01
0.1
1
10
100
1000
Output Current (mA)
C
OUT=2.2µF
No Bypass Capacitor
Stable Area
25
50
75
100
125
150
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Ambient Temperature (
oC)
SOIC-8 Package
No Heatsink
25
50
75
100
125
150
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Ambient Temperature (
oC)
TO-252-2(1) Package
No Heatsink



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com