Electronic Components Datasheet Search
  English  ▼

X  

AP3012 Datasheet(PDF) 3 Page - BCD Semiconductor Manufacturing Limited

Part # AP3012
Description  1.5MHz STEP-UP DC-DC CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3012 Datasheet(HTML) 3 Page - BCD Semiconductor Manufacturing Limited

  AP3012_09 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3012_09 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3012_09 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3012_09 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3012_09 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3012_09 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3012_09 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3012_09 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3012_09 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
1.5MHz STEP-UP DC-DC CONVERTER
AP3012
3
Oct. 2009 Rev. 1. 5
BCD Semiconductor Manufacturing Limited
Data Sheet
Functional Block Diagram
Figure 3. Functional Block Diagram of AP3012
FB
SHDN
VIN
GND
SW
Q1
Σ
A2
A1
R
S
Q
1.5MHz
OSCILLATOR
RAMP
GENERATOR
V
REF
SHUTDOWN
3
5
4
2
1
DRIVER
1.25V
OVP
SOFT
START
R
C
C
C
0.2
Ω
COMPARATOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com