Electronic Components Datasheet Search
  English  ▼

X  

AP2401 Datasheet(PDF) 7 Page - BCD Semiconductor Manufacturing Limited

Part # AP2401
Description  DUAL LDO REGULATORS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2401 Datasheet(HTML) 7 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2401 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2401 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2401 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2401 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2401 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2401 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2401 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP2401 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP2401 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
7
Oct. 2009 Rev. 1. 4
BCD Semiconductor Manufacturing Limited
Data Sheet
DUAL LDO REGULATORS
AP2401
Typical Performance Characteristics
Figure 4. Output Voltage vs. Output Current
Figure 5. Output Voltage vs. Output Current
0
50
100
150
200
250
300
350
400
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Output Current (mA)
1.8V (Channel 1)
T
J=-40
oC
T
J=25
oC
T
J=85
oC
Figure 6. Output Voltage vs. Output Current
0
50
100
150
200
250
300
350
400
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Output Current (mA)
2.8V (Channel 2)
T
J=-40
oC
T
J=25
oC
T
J=85
oC
0
50
100
150
200
250
300
350
400
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Output Current (mA)
2.5V (Channel 2)
T
J=-40
oC
T
J=25
oC
T
J=85
oC
0
50
100
150
200
250
300
350
400
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Output Current (mA)
3.3V (Channel 2)
T
J=-40
oC
T
J=25
oC
T
J=85
oC
Figure 7. Output Voltage vs. Output Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com